Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF40BB1.7X1.9X0.7 Datasheet(PDF) 4 Page - TDK Electronics

Part # HF40BB1.7X1.9X0.7
Description  Ferrites for EMI Suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF40BB1.7X1.9X0.7 Datasheet(HTML) 4 Page - TDK Electronics

  HF40BB1.7X1.9X0.7 Datasheet HTML 1Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 2Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 3Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 4Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 5Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 6Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 7Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 8Page - TDK Electronics HF40BB1.7X1.9X0.7 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FERRITES
(4/9)
001-01 / 20140318 / ferrite_nz_emc_bead1_en.fm
• All specifications are subject to change without notice.
Ni-Zn BB series
SHAPES AND DIMENSIONS
Part No.
Dimensions
Electrical characteristics
A
B
C
Impedance Z
typ.
(mm)
(
:)
23°C
10MHz
100MHz
HF30BB1.8X5X0.7
1.8±0.15
5.0±0.3
0.7±0.1
3.4
36
HF30BB2.5X2X0.8
2.5±0.15
2.0±0.2
0.8±0.1
1.9
20
HF30BB3X5X1
3.0±0.15
5.0±0.3
1.0±0.1
3.3
37
HF30BB3.5X5X1.3
3.5±0.15
5.0±0.3
1.3±0.1
3.2
32
HF30BB5X5X2
5.0±0.15
5.0±0.3
2.0±0.15
2.7
33
HF30BB6.4X5X3.2
6.4±0.2
5.0±0.2
3.2±0.15
2.6
26
HF40BB1.7X1.9X0.7
1.7±0.15
1.9±0.2
0.7±0.1
1.8
16
HF40BB3X5X1
3.0±0.15
5.0±0.3
1.0±0.1
9
60
HF40BB3.4X3X1
3.4±0.15
3.0±0.2
1.0±0.1
7
39
HF40BB3.5X5X1.3
3.5±0.15
5.0±0.3
1.3±0.1
9.1
50
HF40BB4.5X4X2.5-G
4.5±0.15
4.0±0.2
2.5±0.15
4.5
32
HF40BB4.5X5X1.6
4.5±0.15
5.0±0.3
1.6±0.1
11
60
HF40BB5X5X2
5.0±0.15
5.0±0.3
2.0±0.15
9.4
52
HF40BB5X6X2.5
5.0±0.15
6.0±0.3
2.5±0.15
10
50
HF40BB5.5X5X2.5
5.5±0.2
5.0±0.3
2.5±0.15
8.1
43
HF40BB6X3.8X3A-G
6.0±0.2
3.8±0.2
3.0±0.2
4
35
HF57BB2.85X2X1.35
2.85±0.1
2.0±0.15
1.35±0.1
8
23
HF57BB2.85X5X1.35
2.85±0.1
5.0±0.2
1.35±0.1
20
54
HF57BB3.35X2X2
3.35±0.2
2.0±0.1
2.0±0.2
6
20
HF57BB3.5X1X1.6
3.5±0.15
1.0+0, –0.2
1.6±0.1
4.5
17
HF57BB3.5X1.5X1.3
3.5±0.15
1.5±0.15
1.3±0.1
9
23
HF57BB3.5X3X1.3
3.5±0.15
3.0±0.2
1.3±0.1
16
40
HF57BB3.5X5X1.3
3.5±0.15
5.0±0.3
1.3±0.1
28
65
HF57BB3.6X3.2X2.7
3.6±0.15
3.2±0.2
2.7±0.15
6
17
HF57BB4X2X2
4.0±0.15
2.0±0.15
2.0±0.15
8
24
HF57BB4X5X2
4.0±0.15
5.0±0.3
2.0±0.15
19
46
HF57BB4.5X4X2.5
4.5±0.15
4.0±0.2
2.5±0.15
14
37
HF57BB4.8X4.8X2.4
4.8±0.2
4.8±0.2
2.4±0.15
18
49
HF57BB5X5X2
5.0±0.15
5.0±0.3
2.0±0.15
25
59
B
HF30
BB
1.8
×
5
×
0.7
□□□□
Material
Core
shape
Outer diameter
dimensions(A)
Length
dimensions(B)
Inner diameter
dimensions(C)
Internal code


Similar Part No. - HF40BB1.7X1.9X0.7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF40SH10X0.6X3-G TDK-HF40SH10X0.6X3-G Datasheet
122Kb / 6P
   Ferrites for EMI Suppression
HF40SH15X0.7X8-G TDK-HF40SH15X0.7X8-G Datasheet
122Kb / 6P
   Ferrites for EMI Suppression
HF40SH18.5X0.7X8-G TDK-HF40SH18.5X0.7X8-G Datasheet
122Kb / 6P
   Ferrites for EMI Suppression
More results

Similar Description - HF40BB1.7X1.9X0.7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70SH12X0.9X12 TDK-HF70SH12X0.9X12 Datasheet
122Kb / 6P
   Ferrites for EMI Suppression
logo
Samsung semiconductor
CIM10J102NC SAMSUNG-CIM10J102NC Datasheet
757Kb / 5P
   Chip Bead For EMI Suppression
logo
Myrra
74190 MYRRA-74190 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673018001 FAIR-RITE-2673018001_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673022401 FAIR-RITE-2673022401_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com