Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9730 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9730
Description  Small Optical Encoder Modules 480lpi Digital Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9730 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9730 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Ordering Information
Package Dimension
HEDS - 973
Lead Configurations
0 - Straight leads
1 - Bent leads
Bracket Option
50
Resolution
3 - 480 LPI
Option
Option 50
AVAGO
8.7
6.4
0.14
(OPTICAL CENTER)
2x
∅ 2.00 ± 0.02
1.4
5.0
3.9
R 1.4
10.1
7.5
4.2
3.90 ± 0.10
0.8
1.70 ± 0.15
4.2
3.0
9.8
1.8
3.8
0.5
20.2 ± 0.5
15.0
8.4
PART #
(REFER -05)
C = COUNTRY
OF ORIGIN
MARKING
(REFER -05
FOR DETAILS)
DATE CODE
12.6 ± 0.5
7.0
OPTION CODE
PIN 1 ID
LEAD THICKNESS = 0.25 mm
LEAD PITCH = 2.54 mm
10.8 ± 0.5
5.5 ± 0.3
R 2.6
Bent Version - Option 50
AVAGO
8.7
6.4
0.14
(OPTICAL CENTER)
2x
∅ 2.00 ± 0.02
R 2.6
1.4
5.0
3.9
R 1.4
10.1
7.5
4.2
3.90 ± 0.10
0.8
1.70 ± 0.15
9.2 ± 0.3
5° TYP.
4.2
3.0 ± 0.3
6.0
9.8
1.8
10.8 ± 0.5
3.8
0.5
20.2 ± 0.5
15.0
8.4
PART #
(REFER -05)
DATE CODE
12.6 ± 0.5
7.0
OPTION CODE
PIN 1 ID
LEAD THICKNESS = 0.25 mm
LEAD PITCH = 2.54 mm
C = COUNTRY
OF ORIGIN
MARKING
(REFER -05
FOR DETAILS)


Similar Part No. - HEDS-9730

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9730 HP-HEDS-9730 Datasheet
430Kb / 11P
   2 CHANNEL ENCODER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results

Similar Description - HEDS-9730

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731J54 AVAGO-HEDS-9731J54 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731-154 AVAGO-HEDS-9731-154 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com