Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9730-350 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9730-350
Description  Small Optical Encoder Modules 480lpi Digital Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9730-350 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9730-350 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9730-350 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
85
°C
Operating Temperature
TA
-40
85
°C
Supply Voltage
VCC
-0.5
7
Volts
Output Voltage
VO
-0.5
VCC
Volts
Output Current per Channel
IOUT
-1.5
19
mA
Soldering Temperature
TSOL
20
260
°C
t* 5 sec
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
TA
-40
85
°C
Supply Voltage
VCC
2.8
3.3 or 5
5.2
Volts
Ripple < 100mVp-p
Load Capacitance
CL
100
pF
Pull-up Resistor
RL
none
Recommend no pullup. Device has inte-
grated 2.5 k
Ω on outputs
Frequency
f
40
kHz
Velocity (rpm) x N/60
Angular Misalignment
EA
-2.0
0.0
+2.0
Deg.
Refer to Mounting Consideration
Mounting Position
RM
ROP-0.14
(ROP -0.006)
Mm (inch) Refer to Mounting Consideration
Electrical Characteristics
Electrical Characteristics Over the Recommended Operating Conditions. Typical Values at 25
°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Supply Current
ICC
12
25
40
mA
Typ. 3.3V
55
85
Typ. 5V
High Level
Output Voltage
VOH
2.4
Volts
When VOH = 2.4V (Min)Typ.
IOH = -0.4 mA @ 3.3VTyp.
IOH = -1.0 mA @ 5V
Low Level
Output Voltage
VOL
0.4
Volts
When VOL = 0.4V (Max)Typ.
IOL = 12 mA @ 3.3VTyp.
IOL = 14 mA @ 5V
Rise Time
tr
200
ns
CL=25 pF
Fall Time
tf
50
ns
Encoding Characteristics
Encoding Characteristics Over the Recommended Operating Conditions and Mounting Conditions These character-
istics do not include codewheel/codestrip contribution. The typical values are average over the full rotation of the
codewheel
Parameter
Symbol
Typical
Maximum
Units
Notes
Pulse Width Error
ΔP5
50
°e
State Width Error
ΔS3
50
°e
Phase Error
Δφ
215
°e


Similar Part No. - HEDS-9730-350

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9730 HP-HEDS-9730 Datasheet
430Kb / 11P
   2 CHANNEL ENCODER MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results

Similar Description - HEDS-9730-350

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731J54 AVAGO-HEDS-9731J54 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9731-154 AVAGO-HEDS-9731-154 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
AEDS-965X AVAGO-AEDS-965X Datasheet
157Kb / 8P
   Small Optical Encoder Modules 150 and 180 LPI Digital Output
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com