Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP1 Datasheet(PDF) 5 Page - Grayhill, Inc

Part # DP1
Description  Miniature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

DP1 Datasheet(HTML) 5 Page - Grayhill, Inc

  DP1 Datasheet HTML 1Page - Grayhill, Inc DP1 Datasheet HTML 2Page - Grayhill, Inc DP1 Datasheet HTML 3Page - Grayhill, Inc DP1 Datasheet HTML 4Page - Grayhill, Inc DP1 Datasheet HTML 5Page - Grayhill, Inc DP1 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TeRMINATIoNoPTIoNS Ininches(andmillimeters)
V2-V3VerticalBracketP.C.Mount
Series 34A: Miniature Toggle Switches
3PDT
4PDT
M7RightAngleP.C.Mount,VerticalActuation
3
1
2
P.C.MoUNTING
4
5
6
7
8
9
P.C.MoUNTING
4
5
6
1
2
3
7
8
9
10
11
12
.650
(16.51)
.500
(12.7)
.150
(3.81)
.288
(7.31)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.565
(14.35)
.200
(5.08)
.048
(1.22)
.565
(14.35)
.850
(21.59)
.150
(3.81)
.288
(7.31)
.150
(3.81)
.200
(5.08)
keYWAY
THISSIDe
Ø.245
(Ø6.22)
.073DIA.
(Ø1.85)
.190
(4.83)
.565
(14.35)
.200
(5.08)
.048
(1.22)
.565
(14.35)
.500
12.7
.190
(4.83)
.050
(1.27)
.190
(4.83)
.050
(1.27)
.030
(0.76)
.125
(3.18)
.125
(3.18)
.030
(0.76)
.254
(6.46)
.254
(6.46)
oPTIoN
CoDe DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C.MoUNTING
oPTIoN
CoDe DIM."A"
V2
V3
.460
(11,68)
.630
(16,00)
P.C.MoUNTING
4
5 6
1 2
3
DIM."A"
.185
(4.70)
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.280
(7.11)
.620
(15.75)
.185
(4.70)
.125
(3.18)
.073DIA.
(Ø1.85)
DIM."A"
.185
(4.70)
.320
(8.13)
.048
(1.22)
.125
(3.18)
.620
(15.75)
.020
(0.51)
.185
(4.70)
.030
(0.76)
.280
(7.11)
.620
(15.75)
.125
(3.18)
.450
(11.43)
.073DIA.
(Ø1.85)
.190
(4.83)
.185
(4.70)
ePoXYSeAL
ePoXYSeAL
.254
(6.46)
.254
(6.46)
SPDT
DPDT
Toggle
8
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com


Similar Part No. - DP1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP1 COPAL-DP1 Datasheet
715Kb / 5P
   Directing Switches
logo
Japan Aviation Electron...
DP1 JAE-DP1 Datasheet
918Kb / 12P
   DisplayPortTM Standard Digital Interface Connector
logo
AUK corp
DP100 AUK-DP100 Datasheet
83Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
   Extremely low collector-to-emitter saturation voltage
logo
3M Electronics
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
More results

Similar Description - DP1

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com