Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2224 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQE2224
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2224 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE2224 Datasheet HTML 1Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 7Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 8Page - Panasonic Semiconductor ECQE2224 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC35−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage : 400 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
style D:0.010 µF to 0.10 µF
style B:0.12 µF to 2.2 µF
Suffix for lead crimped or taped type
Cap. tol. code
Part No.
0.010
10.3
4.3
7.4
12.4
7.5
7.5
1.0
0.60
0.012
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.015
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.018
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.022
10.3
4.8
7.9
12.9
7.5
7.5
1.0
0.60
0.027
10.3
5.5
8.0
13.0
7.5
7.5
1.0
0.60
0.033
10.3
6.0
9.0
14.0
7.5
7.5
1.0
0.60
0.039
12.0
4.9
8.0
13.0
10.0
10.0
1.0
0.60
0.047
12.0
5.0
8.3
13.3
10.0
10.0
1.0
0.60
0.056
12.0
5.0
10.0
15.0
10.0
10.0
1.0
0.60
0.068
12.0
5.4
10.5
15.5
10.0
10.0
1.0
0.60
0.082
12.0
5.8
11.0
16.0
10.0
10.0
1.0
0.60
0.10
12.0
6.3
12.0
17.0
10.0
10.0
1.0
0.60
0.12
18.5
5.0
10.0
15.0
15.0
10.0
1.0
0.60
0.15
18.5
5.0
12.4
17.4
15.0
10.0
1.0
0.60
0.18
18.5
5.4
12.5
17.5
15.0
10.0
1.0
0.60
0.22
18.5
5.9
13.0
18.0
15.0
10.0
1.0
0.60
0.27
18.5
6.5
14.3
19.3
15.0
10.0
1.0
0.80
0.33
18.5
7.0
14.9
19.9
15.0
10.0
1.0
0.80
0.39
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.47
18.5
7.8
17.0
22.0
15.0
10.0
1.0
0.80
0.56
26.0
6.5
16.0
21.0
22.5
15.0
1.0
0.80
0.68
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.82
26.0
7.9
17.3
22.3
22.5
15.0
1.0
0.80
1.0
26.0
8.5
18.0
23.0
22.5
15.0
1.0
0.80
1.2
26.0
9.5
18.9
23.9
22.5
15.0
1.0
0.80
1.5
31.0
9.5
19.0
24.0
27.5
22.5
1.0
0.80
1.8
31.0
11.0
20.5
25.5
27.5
22.5
1.5
0.80
2.2
31.0
11.0
22.0
27.0
27.5
22.5
1.5
0.80
ECQE4103
□F(
)
ECQE4123
□F(
)
ECQE4153
□F(
)
ECQE4183
□F(
)
ECQE4223
□F(
)
ECQE4273
□F(
)
ECQE4333
□F(
)
ECQE4393
□F(
)
ECQE4473
□F(
)
ECQE4563
□F(
)
ECQE4683
□F(
)
ECQE4823
□F(
)
ECQE4104
□F(
)
ECQE4124
□F(
)
ECQE4154
□F(
)
ECQE4184
□F(
)
ECQE4224
□F(
)
ECQE4274
□F(
)
ECQE4334
□F(
)
ECQE4394
□F(
)
ECQE4474
□F(
)
ECQE4564
□F(
)
ECQE4684
□F(
)
ECQE4824
□F(
)
ECQE4105
□F(
)
ECQE4125
□F(
)
ECQE4155
□F(
)
ECQE4185
□F(
)
ECQE4225
□F(
)
Cap.
(µF)
1000
500
500
500
400
−−
1000
Dimensions (mm)
L max.
T max.
φd
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Straight
G max.
500
Min. order Q'ty
Taping
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
Bulk
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
35


Similar Part No. - ECQE2224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2224 PANASONIC-ECQE2224 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2224 PANASONIC-ECQE2224 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2224 PANASONIC-ECQE2224 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2224 PANASONIC-ECQE2224 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE2224 PANASONIC-ECQE2224 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com