Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECQE2124
Description  Plastic Film Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECQE2124 Datasheet HTML 1Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 2Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 3Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 4Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 5Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 6Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 7Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 8Page - Panasonic Semiconductor ECQE2124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC35−
Plastic Film Capacitors
■Rating, Dimensions & Quantity/Ammo Box
●Rated voltage : 400 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
style D:0.010 µF to 0.10 µF
style B:0.12 µF to 2.2 µF
Suffix for lead crimped or taped type
Cap. tol. code
Part No.
0.010
10.3
4.3
7.4
12.4
7.5
7.5
1.0
0.60
0.012
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.015
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.018
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.022
10.3
4.8
7.9
12.9
7.5
7.5
1.0
0.60
0.027
10.3
5.5
8.0
13.0
7.5
7.5
1.0
0.60
0.033
10.3
6.0
9.0
14.0
7.5
7.5
1.0
0.60
0.039
12.0
4.9
8.0
13.0
10.0
10.0
1.0
0.60
0.047
12.0
5.0
8.3
13.3
10.0
10.0
1.0
0.60
0.056
12.0
5.0
10.0
15.0
10.0
10.0
1.0
0.60
0.068
12.0
5.4
10.5
15.5
10.0
10.0
1.0
0.60
0.082
12.0
5.8
11.0
16.0
10.0
10.0
1.0
0.60
0.10
12.0
6.3
12.0
17.0
10.0
10.0
1.0
0.60
0.12
18.5
5.0
10.0
15.0
15.0
10.0
1.0
0.60
0.15
18.5
5.0
12.4
17.4
15.0
10.0
1.0
0.60
0.18
18.5
5.4
12.5
17.5
15.0
10.0
1.0
0.60
0.22
18.5
5.9
13.0
18.0
15.0
10.0
1.0
0.60
0.27
18.5
6.5
14.3
19.3
15.0
10.0
1.0
0.80
0.33
18.5
7.0
14.9
19.9
15.0
10.0
1.0
0.80
0.39
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.47
18.5
7.8
17.0
22.0
15.0
10.0
1.0
0.80
0.56
26.0
6.5
16.0
21.0
22.5
15.0
1.0
0.80
0.68
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.82
26.0
7.9
17.3
22.3
22.5
15.0
1.0
0.80
1.0
26.0
8.5
18.0
23.0
22.5
15.0
1.0
0.80
1.2
26.0
9.5
18.9
23.9
22.5
15.0
1.0
0.80
1.5
31.0
9.5
19.0
24.0
27.5
22.5
1.0
0.80
1.8
31.0
11.0
20.5
25.5
27.5
22.5
1.5
0.80
2.2
31.0
11.0
22.0
27.0
27.5
22.5
1.5
0.80
ECQE4103
□F(
)
ECQE4123
□F(
)
ECQE4153
□F(
)
ECQE4183
□F(
)
ECQE4223
□F(
)
ECQE4273
□F(
)
ECQE4333
□F(
)
ECQE4393
□F(
)
ECQE4473
□F(
)
ECQE4563
□F(
)
ECQE4683
□F(
)
ECQE4823
□F(
)
ECQE4104
□F(
)
ECQE4124
□F(
)
ECQE4154
□F(
)
ECQE4184
□F(
)
ECQE4224
□F(
)
ECQE4274
□F(
)
ECQE4334
□F(
)
ECQE4394
□F(
)
ECQE4474
□F(
)
ECQE4564
□F(
)
ECQE4684
□F(
)
ECQE4824
□F(
)
ECQE4105
□F(
)
ECQE4125
□F(
)
ECQE4155
□F(
)
ECQE4185
□F(
)
ECQE4225
□F(
)
Cap.
(µF)
1000
500
500
500
400
−−
1000
Dimensions (mm)
L max.
T max.
φd
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Straight
G max.
500
Min. order Q'ty
Taping
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
Bulk
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
35


Similar Part No. - ECQE2124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2124 PANASONIC-ECQE2124 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com