Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-X8MY1-2M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2K-X8MY1-2M
Description  General-purpose Threaded Capacitive Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-X8MY1-2M Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2K-X8MY1-2M Datasheet HTML 1Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 2Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 3Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 4Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 5Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 6Page - Omron Electronics LLC E2K-X8MY1-2M Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
E2K-X
3
Engineering Data (Reference Value)
Sensing Area (Grounded Metal Plate)
E2K-X4M
Influence of Sensing Object Size and Material
E2K-X4M
E2K-X8M
E2K-X15M
Sensing Object Thickness and Material vs. Sensing Distance
E2K-X4M
E2K-X8M
E2K-X15M
−20
−5
0
2
4
6
8
10
12
14
16
18
Y
X
E2K-X4M
E2K-X8M
E2K-X15M
25
20
15
10
5
0
−5
−10
−15
Distance
Y (mm)
E2K-X4M Sensing
E2K-X8M Sensing Head
E2K-X15M Sensing Head
Standard sensing
object Grounded
metal plate
50
× 50 × 1 mm
20
10
0
1
2
3
4
5
X
70
60
50
40
30
d
×
d
t = 3 mm
Glass
Phenol
Grounded metal
Non-grounded metal
Side length of sensing object: d (mm)
20
10
0
2
4
6
8
10
X
70
60
50
40
30
d
×
d
t = 3 mm
Grounded metal
Non-grounded metal
Glass
Phenol
Side length of sensing object: d (mm)
Acryl
20
10
0
5
10
15
20
25
X
70
60
50
40
30
d
×
d
t = 3 mm
Grounded metal
Non-grounded metal
Glass
Phenol
Side length of sensing object: d (mm)
Acryl
5
0
1
2
3
4
5
X
t
25
20
15
10
50
×
50
Thickness of sensing object: t (mm)
Grounded metal
Non-grounded metal
Glass
Phenol
10
5
0
2
4
6
8
10
X
t
25
20
15
50
×
50
Thickness of sensing object: t (mm)
Grounded metal
Non-grounded metal
Glass
Phenol
Acryl
5
0
5
10
15
20
25
X
t
25
20
15
10
50
×
50
Thickness of sensing object: t (mm)
Grounded metal
Non-grounded metal
Glass
Phenol
Acryl


Similar Part No. - E2K-X8MY1-2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-X8MY1-2M OMRON-E2K-X8MY1-2M Datasheet
724Kb / 7P
   General-purpose Threaded Capacitive Sensor
2022.1
More results

Similar Description - E2K-X8MY1-2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-X OMRON-E2K-X Datasheet
724Kb / 7P
   General-purpose Threaded Capacitive Sensor
2022.1
logo
List of Unclassifed Man...
N55T10 ETC2-N55T10 Datasheet
530Kb / 9P
   general purpose capacitive touch sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
   Capacitive sensor
CBN15-18GK75-E2-V1 PF-CBN15-18GK75-E2-V1 Datasheet
164Kb / 1P
   Capacitive sensor
CBN15-30GK60-A2 PF-CBN15-30GK60-A2 Datasheet
201Kb / 2P
   Capacitive sensor
CJ30-50K10-E0123-Y46139 PF-CJ30-50K10-E0123-Y46139 Datasheet
279Kb / 2P
   Capacitive sensor
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
   Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
   Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
   Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
   Capacitive sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com