Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-X8ME1-2M Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E2K-X8ME1-2M
Description  General-purpose Threaded Capacitive Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-X8ME1-2M Datasheet(HTML) 6 Page - Omron Electronics LLC

  E2K-X8ME1-2M Datasheet HTML 1Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 2Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 3Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 4Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 5Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 6Page - Omron Electronics LLC E2K-X8ME1-2M Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
E2K-X
Dimensions
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
4
4
20
60
80
17
10.7 dia.
21 dia.
*1
M12
× 1
Indicator *2
Two clamping nuts
Two washers
*1. E and F Models: 4-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.2 mm
2, Insulator
diameter: 1.2 mm), Standard length: 2 m
Y Models: 4-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.3 mm
2, Insulator diameter: 1.3 mm),
Standard length: 2 m
*2. E and F Models: Detection indicator (red)
Y Models: Operation indicator (red)
E2K-X4ME
@
E2K-X4MF
@
E2K-X4MY
@
E2K-X8ME
@
E2K-X8MF
@
E2K-X8MY
@
4
4
20
60
80
24
16.6 dia.
29 dia.
M18
× 1
*1
Indicator *2
Two clamping nuts
Two washers
*1. E and F Models: 6-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator diameter: 1.9 mm),
Standard length: 2 m
*2. E and F Models: Detection indicator (red)
Y Models: Operation indicator (red)
5
5
10
60
80
36
28.1 dia.
42 dia.
*1
M30
× 1.5
Indicator *2
Two clamping nuts
Two washers
*1. E and F Models: 6-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator diameter: 1.9 mm),
Standard length: 2 m
*2. E and F Models: Detection indicator (red)
Y Models: Operation indicator (red)
E2K-X15ME
@
E2K-X15MF
@
E2K-X15MY
@
Mounting Hole Dimensions
Model
F (mm)
E2K-X4M
@@
12.5
dia.
E2K-X8M
@@
18.5
dia.
E2K-X15M
@@
30.5
dia.
+0.5
0
+0.5
0
+0.5
0
F


Similar Part No. - E2K-X8ME1-2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-X8ME1-2M OMRON-E2K-X8ME1-2M Datasheet
724Kb / 7P
   General-purpose Threaded Capacitive Sensor
2022.1
More results

Similar Description - E2K-X8ME1-2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-X OMRON-E2K-X Datasheet
724Kb / 7P
   General-purpose Threaded Capacitive Sensor
2022.1
logo
List of Unclassifed Man...
N55T10 ETC2-N55T10 Datasheet
530Kb / 9P
   general purpose capacitive touch sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
   Capacitive sensor
CBN15-18GK75-E2-V1 PF-CBN15-18GK75-E2-V1 Datasheet
164Kb / 1P
   Capacitive sensor
CBN15-30GK60-A2 PF-CBN15-30GK60-A2 Datasheet
201Kb / 2P
   Capacitive sensor
CJ30-50K10-E0123-Y46139 PF-CJ30-50K10-E0123-Y46139 Datasheet
279Kb / 2P
   Capacitive sensor
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
   Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
   Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
   Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
   Capacitive sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com