Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2080D1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA2080D1
Description  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 Datasheet(HTML) 1 Page - Texas Instruments

  TPA2080D1_14 Datasheet HTML 1Page - Texas Instruments TPA2080D1_14 Datasheet HTML 2Page - Texas Instruments TPA2080D1_14 Datasheet HTML 3Page - Texas Instruments TPA2080D1_14 Datasheet HTML 4Page - Texas Instruments TPA2080D1_14 Datasheet HTML 5Page - Texas Instruments TPA2080D1_14 Datasheet HTML 6Page - Texas Instruments TPA2080D1_14 Datasheet HTML 7Page - Texas Instruments TPA2080D1_14 Datasheet HTML 8Page - Texas Instruments TPA2080D1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
YZG
TPA2080D1
www.ti.com
SLOS733A – JANUARY 2012 – REVISED OCTOBER 2012
2.2 W Constant Output Power Class-D Audio Amplifier with
Class-G Boost Converter
Check for Samples: TPA2080D1
1
FEATURES
DESCRIPTION
The TPA2080D1 is a high efficiency Class-D audio
2.2 W into 4
Ω Load from 3.6 V Supply (1%
power amplifier with an integrated Class-G boost
THD+N)
converter that enhances efficiency at low output
Integrated Class-G Boost Converter
power. It drives up to 2.2 W into an 4
Ω speaker (1%
Increases Efficiency at Low Output Power
THD+N). With 85% typical efficiency, the TPA2080D1
helps extend battery life when playing audio.
Low Quiescent Current of 3.5 mA from 3.6 V
The built-in boost converter generates a 5.75 V
Thermal and Short-Circuit Protection with
supply voltage for the Class-D amplifier when high
Auto Recovery
output power is required. This provides a louder
20 dB Fixed Gain
audio output than a stand-alone amplifier directly
Available in 1.53 mm × 1.98 mm, 0.5 mm pitch
connected to the battery. During low audio output
12-ball WCSP (DSBGA) Package
power periods, the boost converter deactivates and
connects VBAT directly to the Class-D amplifier
supply, PVDD. This improves overall efficiency.
APPLICATIONS
Cell Phones
The TPA2080D1 has an integrated low-pass filter to
improve the RF rejection and reduce DAC out-of-
PDA, GPS
band
noise,
increasing
the
signal-to-noise
ratio
Portable Electronics and Speakers
(SNR).
The TPA2080D1 is available in a space saving
1.53 mm × 1.982 mm, 0.5 mm pitch WCSP package
(YZG).
SIMPLIFIED APPLICATION DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2080D1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Similar Description - TPA2080D1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com