Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2080D1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA2080D1
Description  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA2080D1_14 Datasheet HTML 1Page - Texas Instruments TPA2080D1_14 Datasheet HTML 2Page - Texas Instruments TPA2080D1_14 Datasheet HTML 3Page - Texas Instruments TPA2080D1_14 Datasheet HTML 4Page - Texas Instruments TPA2080D1_14 Datasheet HTML 5Page - Texas Instruments TPA2080D1_14 Datasheet HTML 6Page - Texas Instruments TPA2080D1_14 Datasheet HTML 7Page - Texas Instruments TPA2080D1_14 Datasheet HTML 8Page - Texas Instruments TPA2080D1_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPA2080D1
www.ti.com
SLOS733A – JANUARY 2012 – REVISED OCTOBER 2012
OPERATING CHARACTERISTICS
VBAT= 3.6 V, EN = VBAT, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST CONVERTER
IBOOST = 0 mA
5.4
5.75
6.4
V
PVDD
Boost converter output voltage range
IBOOST = 700 mA
5.6
V
Boost converter input current limit
Power supply current
1800
Boost converter starts up from full shutdown
600
IL
mA
Boost converter start-up current limit
Boost converter wakes up from auto-pass through
1000
mode
fBOOST
Boost converter frequency
1.2
MHz
CLASS-D AMPLIFIER
THD = 1%, VBAT = 2.5 V, f = 1 kHz
1440
THD = 1%, VBAT = 3.0 V, f = 1 kHz
1750
THD = 1%, VBAT = 3.6 V, f = 1 kHz
1900
THD = 1%, VBAT = 2.5 V, f = 1 kHz,
1460
PO
Output power
mW
RL = 4 Ω + 33 µH
THD = 1%, VBAT = 3.0 V, f = 1 kHz,
1800
RL = 4 Ω + 33 µH
THD = 1%, VBAT = 3.6 V, f = 1 kHz,
2280
RL = 4 Ω + 33 µH
AV
Voltage gain
19.5
20
20.5
dB
VOOS
Output offset voltage
2
10
mV
Short-circuit protection threshold
2
A
current
Input impedance (per input pin)
24
RIN
k
Input impedance in shutdown (per
EN = 0 V
1300
input pin)
ZO
Output impedance in shutdown
2
k
Maximum input voltage swing
EN = 0 V
2
VRMS
Boost converter auto-pass through
Class-D output voltage threshold when boost
2
VPK
threshold
converter automatically turns on
fCLASS-D
Class-D switching frequency
275
300
325
kHz
η
Class-D and boost combined efficiency PO = 500 mW, VBAT = 3.6 V
90%
A-weighted
49
EN
Noise output voltage
μVRMS
Unweighted
65
1.7 W, RL = 8 Ω + 33 µH. A-weighted
97.5
1.7 W, RL = 8 Ω + 33 µH. Unweighted
95
SNR
Signal-to-noise ratio
dB
2 W, RL = 4 Ω + 33 µH. A-weighted
95
2 W, RL = 4 Ω + 33 µH. Unweighted
93
PO = 100 mW, f = 1 kHz
0.06%
PO = 500 mW, f = 1 kHz
0.07%
THD+N
Total harmonic distortion plus noise(1)
PO = 1.7 W, f = 1 kHz, RL = 8 Ω + 33 µH
0.07%
PO = 2 W, f = 1 kHz, RL = 4 Ω + 33 µH
0.15%
200 mVPP square ripple, VBAT = 3.8 V, f = 217 Hz
62.5
AC
AC-Power supply ripple rejection
dB
PSRR
(output referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
62.5
200 mVPP square ripple, VBAT = 3.8 V, f = 217 Hz
71
AC
AC-Common mode rejection ratio
dB
CMRR
(output referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
71
(1)
A-weighted
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA2080D1


Similar Part No. - TPA2080D1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Similar Description - TPA2080D1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com