Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR01AR10PB-S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FR01AR10PB-S
Description  10mm DIP Rotaries
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FR01AR10PB-S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FR01AR10PB-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FR01AR10PB-S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Series FR01
10mm DIP Rotaries
www.nkk.com
G10
G
PACKAGING
FR01F with Screwdriver Actuation & Straight PC
FR01F, FR01K & FR01S
Each stick-tube contains 50 switches.
Switches must be ordered in 50-piece increments.
FR01A
Each stick-tube contains 25 switches.
Switches must be ordered in 25-piece increments.
Note: Transport and storage temperatures should
not exceed 50°C (122°F). Store stick tubes on flat
surface.
S
Stick-Tube
FR01K with Plastic Shaft & Right Angle PC
(16.2)
.638
(16.6)
.654
(540.0)
21.260
(15.6)
.614
(15.9)
.626
(530.0)
20.866
FR01S with Dial Actuation & Straight PC
FR01A with Metal Shaft & Straight PC
FR01A with Metal Shaft & Right Angle PC
(12.5)
.492
(14.1)
.555
(528.0)
20.787
(390.0)
15.354
(33.6)
1.323
(18.2)
.717
(13.1)
.516
(35.5)
1.398
(390.0)
15.354


Similar Part No. - FR01AR10PB-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01AR10PB-S NKK-FR01AR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
More results

Similar Description - FR01AR10PB-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com