Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT125A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDT125A
Description  LVDS 4x4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT125A Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDT125A_14 Datasheet HTML 1Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 2Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 3Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 4Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 5Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 6Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 7Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 8Page - Texas Instruments SN65LVDT125A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
S10
S11
1A
1B
S20
S21
2A
2B
GND
VCC
GND
3A
3B
S30
S31
4A
4B
S40
S41
VCC
GND
1Y
1Z
1DE
2Y
2Z
2DE
GND
VCC
GND
3Y
3Z
3DE
4Y
4Z
4DE
GND
VCC
SN65LVDS125ADBT ( Marked as LVDS125A)
SN65LVDT125ADBT ( Marked as LVDT125A)
(TOP VIEW)
200 - ps/div
VIC = 1.2 V
SVIDS = 200 mV
1.5 Gbps
223-1 PRBS
VCC = 3.3 V
Eye Pattern of Two Outputs
Operating Simultaneously
SN65LVDT125A
SN65LVDS125A
www.ti.com
SLLS595C
– OCTOBER 2003 – REVISED JUNE 2011
LVDS 4x4 CROSSPOINT SWITCH
Check for Samples: SN65LVDT125A, SN65LVDS125A
1
FEATURES
Signaling Rates
>1.5 Gbps per Channel
Supports Telecom/Datacom and HDTV
Video Switching
Non-Blocking Architecture Allows Each
Output to be Connected to Any Input
Compatible With ANSI TIA/EIA-644-A LVDS
Standard
25 mV of Input Voltage Threshold Hysteresis
Propagation Delay Times, 900 ps Typical
Inputs Electrically Compatible With LVPECL,
CML and LVDS Signal Levels
Operates From a Single 3.3-V Supply
Integrated 110-
Ω Line Termination Resistors
Available With SN65LVDT125A
APPLICATIONS
Clock Buffering/Clock Muxing
Wireless Base Stations
High-Speed Network Routing
HDTV Video Switching
DESCRIPTION
The SN65LVDS125A and SN65LVDT125A are 4x4
nonblocking
crosspoint
switches.
Low-voltage
differential signaling (LVDS) is used to achieve
signaling rates of 1.5 Gbps per channel. Each output
driver includes a 4:1 multiplexer to allow any input to
be routed to any output. Internal signal paths are fully
differential to achieve the high signaling speeds while
maintaining low signal skews. The SN65LVDT125A
incorporates 110-
Ω termination resistors for those
applications where board space is a premium.
Designed to support signaling rates up to 1.5 Gbps
for OC-12 clocks (622 MHz). The 1.5-Gbps signaling
rate allows use in HDTV systems, including SMPTE
292 video applications requiring signaling rates of
1.485 Gbps.
The
SN65LVDS125A
and
SN65LVDT125A
are
characterized for operation from -40
°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDT125A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT125ADBT TI-SN65LVDT125ADBT Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTG4 TI-SN65LVDT125ADBTG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTR TI-SN65LVDT125ADBTR Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125ADBTRG4 TI-SN65LVDT125ADBTRG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT125A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com