Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

384046 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 384046
Description  Male Connector C64 solder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

384046 Datasheet(HTML) 1 Page - ERNI Electronics

  384046 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31x2,54=78,74
2,54
2,54
31 x 2,54 (=78,74)
early mate, late break / voreilend
S = standard
E S L
Stecklänge / mating length
E =
L = late mate, early break / nacheilend
Stecklänge
XXXXXXX
RC 1
mating length
date
Datum
Anforderungsstufe/
class
ERNI
87,5
94
max.
+0,1
2,5
88,9
Index
Date
-
20.07.2009
prior notice.
contact one of the ERNI companies
STVC
Male Connector C64 solder
Messerleiste C 64 Löt
384046
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
32
Leiterplatten-Lochbild /
alle Löcher/
PCB drillhole pattern
c
all holes
13
24
5
2
28
25
14
27
20
16
21
12
4
98
23
6
15
29
18 17
11
31
19
1
30
26
7
22
10
3
b
a
0,05
88,9
±0,1
1
2,8
+0,1
a1
c32
c1
a32
85,5
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Lötanschluss 0,6x0,6mm
/ solder terminal 0,6x0,6mm
Isolierwerkstoff
/ housing material : PBT GF 30
Bauart 4 / t
ype 4
Anforderungsstufe 1 = 500 Steckzyklen
/ performance class 1 = 500 mating cycles
Bedruckung siehe Zeichnung 294905
Marking see drawing 294905
SS
1
S
S S
S
SS
S
SS
S
S
S
SS
S
S
S
S
S
S
S
SS
SS
S
S
S
S
SS
S
S
S
S
SS
SS
S
S
SS
S
S
S
S
S
S
contact layout
c
b
a
2
3
4
5
6
7
8
9
10
11
19
12
13
14
15
16
17
20
18
21
26
22
23
24
25
27
28
29
30
31
32
SS
S
SS
S
SS
S
S
S
S
Bestückungsplan /
S
a b c
6 ±0,1
3 -0,4


Similar Part No. - 384046

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384047 ERNI-384047 Datasheet
60Kb / 1P
   Messerleiste C 64 Lot Clip
More results

Similar Description - 384046

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374545 ERNI-374545 Datasheet
47Kb / 1P
   Male Connector C64 solder
384615 ERNI-384615 Datasheet
47Kb / 1P
   Male Connector C64 solder
364914 ERNI-364914 Datasheet
59Kb / 1P
   Male Connector C64 solder
384039 ERNI-384039 Datasheet
47Kb / 1P
   Male Connector C64 solder
logo
PHOENIX CONTACT
2268031 PHOENIX-2268031 Datasheet
121Kb / 4P
   SKBI 128-C64/C64
logo
ERNI Electronics
594470 ERNI-594470 Datasheet
148Kb / 1P
   FEDERLEISTE SKV C64
384020 ERNI-384020 Datasheet
54Kb / 1P
   Male Connector C96 solder
364915 ERNI-364915 Datasheet
67Kb / 1P
   Male Connector C96 solder
384021 ERNI-384021 Datasheet
66Kb / 1P
   Male Connector C96 solder
384022 ERNI-384022 Datasheet
53Kb / 1P
   Male Connector C96 solder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com