Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR01FC10P-W-S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FR01FC10P-W-S
Description  10mm DIP Rotaries
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FR01FC10P-W-S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FR01FC10P-W-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FR01FC10P-W-S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Series FR01
10mm DIP Rotaries
www.nkk.com
G8
G
FR01FC10P
FR01FR10H
(7.62)
.300
CL
12 48
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
0 1
9
(3.8)
.150
(2.1)
.083
(7.62)
.300
(3.3)
.130
(0.2) Typ
.008
C
1
2
4
8
(2.54) Typ
.100
(0.5) Typ
.020
(10.0)
.394
(0.2)
.008
(3.8) Dia
.150
(10.0)
.394
012
EF
(10.0)
.394
(0.2)
.008
(10.0)
.394
4 5 6
(3.8) Dia
.150
(3.8)
.150
(2.75)
.108
(2.54)
.100
(3.25)
.128
(3.3)
.130
(2.1)
.083
(0.2) Typ
.008
12 48
C
(2.54) Typ
.100
(0.5) Typ
.020
6789A
(10.0)
.394
(0.2)
.008
(10.0)
.394
(3.8) Dia
.150
(2.54)
.100
CL
1
248
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
Decimal
Hexadecimal
Decimal
Hexadecimal
TYPICAL SWITCH DIMENSIONS
P
Right Angle PC • Screwdriver
H
Right Angle PC • Plastic Shaft
Straight PC • Plastic Shaft
FR01KR16P
FR01KC16H
(7.62)
.300
CL
12 48
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(2.54)
.100
CL
1
248
(2.54) Typ
.100
(0.8 ~ 1.0) Dia Typ
.031 ~ .039
(1.27)
.050
C
(10.0)
.394
(0.2)
.008
(10.0)
.394
0 1
9
(10.0)
.394
(0.2)
.008
(10.0)
.394
012
EF
(3.8)
.150
(2.1)
.083
(7.62)
.300
(3.3)
.130
(0.2) Typ
.008
(7.0)
.276
(3.8)
.150
C
1
2
4
8
(2.54) Typ
.100
(0.5) Typ
.020
4 5 6
(10.0)
.394
(0.2)
.008
(10.0)
.394
6789A
(10.0)
.394
(0.2)
.008
(10.0)
.394
(7.0)
.276
(3.8)
.150
(2.75)
.108
(2.54)
.100
(3.25)
.128
(3.3)
.130
(2.1)
.083
(3.8)
.150
(0.2) Typ
.008
12 48
C
(2.54) Typ
.100
(0.5) Typ
.020
Decimal
Hexadecimal
Decimal
Hexadecimal
P
H
Straight PC • Screwdriver


Similar Part No. - FR01FC10P-W-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01FC10PB-S NKK-FR01FC10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
More results

Similar Description - FR01FC10P-W-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com