Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWP-60B Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWP-60B
Description  FWP 700V 5-1200A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-60B Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWP-60B Datasheet HTML 1Page - Cooper Bussmann, Inc. FWP-60B Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-6-02
A02008
Bussmann®
Form No. FWP 700
Page 2 of 2
Data Sheet: 720012
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
®
FWP 700V
5-1200A
AE
DC
F
J
G
B
H
Fig. 1: 5-800 Amp Range
Order #
Fig.
A
B
C
D
E
F
G
H
J
FWP-5B-30B
1
2.870
0.563
1.855
2.477
2.477
0.250
0.405
0.063
0.250
FWP-35B-60B
1
4.375
0.813
2.750
3.708
3.312
0.344
0.725
0.125
0.542
FWP-70B-100B
1
4.406
0.947
2.594
3.625
3.563
0.344
0.750
0.125
0.375
FWP-125A-200A
1
5.090
1.500
2.840
4.190
3.500
0.410
1.000
0.250
0.750
FWP-225A-400A
1
5.090
2.000
2.840
4.280
3.530
0.410
1.500
0.250
0.780
FWP-450A-600A
1
7.090
2.500
2.840
5.720
4.190
0.530
2.000
0.380
1.300
FWP-700A-800A
1
6.630
2.000
2.844
5.562
5.062
0.625
1.500
0.250
0.875
FWP-900A-1000A
2
See Drawing
FWP-1200A
3
See Drawing
Dimension in inches.
1mm = 0.0394∑
1∑ = 25.4mm
7.594
0.500
3.500
3.844
1.031
0.625
2.750
5.966
5.154
1.375
Fig. 2: 900-1000 Amp Range
Fig. 3: 1200 Amp Range
10.844
3.844
0.625
4.250
0.750
3.500
6.840
0.125
0.500
1.625
1.750
9.590
Dimensions
700
604
460
316
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
3)
2)
UL
2
1.6
1.4
1.2
103
8
6
5
4
3
400
300
500
600
700
Eg
1)
2)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
1) 125-600 Amp Range
2) 35-100 & 700-1200 Amp Range
1) 35-100 Amp Range
2) 125-600 Amp Range
3) 700-1200 Amp Range
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
R


Similar Part No. - FWP-60B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-60B COOPER-FWP-60B Datasheet
750Kb / 20P
   High Speed Fuses
FWP-60B COOPER-FWP-60B Datasheet
50Kb / 2P
   FWP 700V 5-1200A
More results

Similar Description - FWP-60B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-300 COOPER-FWP-300 Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
logo
Shindengen Electric Mfg...
D1FK70-5063 SHINDENGEN-D1FK70-5063 Datasheet
475Kb / 3P
   700V 0.8A
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12_1 Datasheet
197Kb / 3P
   1200A 1200V
logo
Xiamen silicon-top opto...
YAS1 SILICON-TOP-YAS1 Datasheet
899Kb / 7P
   700V SSR
logo
MacMic
MM8F70K MACMIC-MM8F70K Datasheet
649Kb / 3P
   700V 8A FRED
logo
Xiamen silicon-top opto...
YAS2 SILICON-TOP-YAS2 Datasheet
848Kb / 6P
   700V 2A SSR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com