Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X12X Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430X12X
Description  MIXED SIGNAL MICROCONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430X12X Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430X12X Datasheet HTML 2Page - Texas Instruments MSP430X12X Datasheet HTML 3Page - Texas Instruments MSP430X12X Datasheet HTML 4Page - Texas Instruments MSP430X12X Datasheet HTML 5Page - Texas Instruments MSP430X12X Datasheet HTML 6Page - Texas Instruments MSP430X12X Datasheet HTML 7Page - Texas Instruments MSP430X12X Datasheet HTML 8Page - Texas Instruments MSP430X12X Datasheet HTML 9Page - Texas Instruments MSP430X12X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MSP430x12x
MIXED SIGNAL MICROCONTROLLER
SLAS312C − JULY 2001 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the address range of 0FFFFh-0FFE0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
External reset
Watchdog
Flash memory
WDTIFG (see Note1)
KEYV (see Note 1)
Reset
0FFFEh
15, highest
NMI
Oscillator fault
Flash memory access violation
NMIIFG (see Notes 1 and 4)
OFIFG (see Notes 1 and 4)
ACCVIFG (see Notes 1 and 4)
(non)-maskable,
(non)-maskable,
(non)-maskable
0FFFCh
14
0FFFAh
13
0FFF8h
12
Comparator_A
CAIFG
maskable
0FFF6h
11
Watchdog timer
WDTIFG
maskable
0FFF4h
10
Timer_A3
TACCR0 CCIFG (see Note 2)
maskable
0FFF2h
9
Timer_A3
TACCR1 and TACCR2
CCIFGs, TAIFG
(see Notes 1 and 2)
maskable
0FFF0h
8
USART0 receive
URXIFG0
maskable
0FFEEh
7
USART0 transmit
UTXIFG0
maskable
0FFECh
6
0FFEAh
5
0FFE8h
4
I/O Port P2
(eight flags − see Note 3)
P2IFG.0 to P2IFG.7
(see Notes 1 and 2)
maskable
0FFE6h
3
I/O Port P1
(eight flags)
P1IFG.0 to P1IFG.7
(see Notes 1 and 2)
maskable
0FFE4h
2
0FFE2h
1
0FFE0h
0, lowest
NOTES: 1. Multiple source flags
2. Interrupt flags are located in the module
3. There are eight Port P2 interrupt flags, but only six Port P2 I/O pins (P2.0−5) are implemented on the ’12x devices.
4. (non)-maskable: the individual interrupt enable bit can disable an interrupt event, but the general interrupt enable cannot.


Similar Part No. - MSP430X12X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X12X TI-MSP430X12X Datasheet
463Kb / 34P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X12X TI-MSP430X12X Datasheet
793Kb / 42P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X12X TI1-MSP430X12X Datasheet
1Mb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X12X2 TI-MSP430X12X2 Datasheet
917Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X12X2 TI-MSP430X12X2 Datasheet
1Mb / 49P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X12X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com