Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP-L138 Datasheet(PDF) 1 Page - Texas Instruments

Part # OMAP-L138
Description  Low-cost development kit to jump-start real-time signal processing innovation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP-L138 Datasheet(HTML) 1 Page - Texas Instruments

  OMAP-L138_12 Datasheet HTML 1Page - Texas Instruments OMAP-L138_12 Datasheet HTML 2Page - Texas Instruments OMAP-L138_12 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical details
The OMAP-L138 development kit is based
on the OMAP-L138 DSP+ARM9 processor, a
low-power applications processor based on
an ARM926EJ-S and a TMS320C674x DSP
core. It provides significantly lower power
than other members of the TMS320C6000™
platform of DSPs. The OMAP-L138 processor
enables developers to quickly design and
develop devices featuring robust operating
systems support and rich user interfaces with
a fully integrated mixed-processor solution. The
dual-core architecture of the device provides
benefits of both DSP and Reduced Instruction
Set Computer (RISC) technologies, enabling
applications requiring a high-level operating
system and more intensive digital signal
processing.
With a wide variety of standard interfaces
for connectivity and storage, the OMAP-L138
development kit enables developers to easily
bring audio, video and other signals onto the
board. Expansion headers allow customers to
extend the functionality of the kit to include a
camera sensor from Leopard Imaging or an
LCD screen. Included interfaces are:
• USB serial port
• Fast Ethernet port (10/100 Mbps)
• USB host port (USB 1.1)
• USB OTG port (USB 2.0)
• SATA port (3 Gbps)
• VGA port (15-pin D-SUB)
• LCD port (Beagleboard-XM connectors)
• 3 audio ports
• 1 line in
• 1 line out
• 1 MIC in
• Composite in (RCA jack)
• Leopard Imaging camera sensor input (32-
pin ZIP connector)
• Authentic fingerprint sensor
Easy to write and optimize
DSP code
Designers can readily target the OMAP-L138
processor through TI’s robust and compre-
hensive Code Composer Studio IDE. CCStudio
IDE includes an efficient optimizing C/C++
compiler assembler, linker, debugger;
OMAP-L138 DSP+ARM9
Development Kit
Low-cost development kit to jump-start real-time signal
processing innovation
Texas Instruments’ OMAP-L138 development kit is a new, robust low-cost development board designed to spark innovative designs based on the
OMAP-L138 processor. Along with TI’s new included Linux™ Software Development Kit (SDK), the OMAP-L138 development kit is ideal for power-
optimized, networked applications including industrial control, medical diagnostics and communications. It includes the OMAP-L138 baseboard, SD
cards with a Linux demo, DSP/BIOS™ kernel and SDK, and Code Composer Studio™ (CCStudio) Integrated Development Environment (IDE), a power
supply and cord, VGA cable and USB cable.
Key features and benefits
• OMAP-L138 DSP+ARM9 software and
development kit to jump-start real-time
signal processing innovation
• Reduces design work with downloadable
and duplicable board schematics and
design files
• Fast and easy development of applica-
tions requiring fingerprint recognition and
face detection with embedded analytics
• Low-power OMAP-L138 DSP+
ARM926EJ™ processor
• Scalable platform enables a variety of
performance, power, peripheral and price
options
• 456-MB TMS320C674x DSP
• 456-MB ARM926EJ processor
• 128-MByte DDR2 SDRAM
• 128-MByte NAND Flash memory
• Micro SD/MMC slot
• USB and SD connectors
• Wide variety of peripheral interfaces
• Line in, headphone out, MIC-in ports
• Expansion connectors
• Includes Code Composer Studio™ IDE
v4.0
• Full documentation on CD-ROM


Similar Part No. - OMAP-L138_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
More results

Similar Description - OMAP-L138_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MDT2-DVP STMICROELECTRONICS-ST7MDT2-DVP Datasheet
88Kb / 2P
   A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
November 1998 Rev. 1.0
ST7MDT1-DVP STMICROELECTRONICS-ST7MDT1-DVP Datasheet
90Kb / 2P
   A LOW-COST DEVELOPMENT PACKAGE INCLUDING A FULL REAL-TIME EMULATION BOARD
July 1998 Rev. 1.01
logo
ATMEL Corporation
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
   Low-Cost USB Hub Development Kit
logo
rfsolutions.ltd
ICEPIC-JNR-16 RFSOLUTIONS-ICEPIC-JNR-16 Datasheet
241Kb / 2P
   MODULAR PIC16CXX LOW COST REAL TIME EMULATOR
logo
Infineon Technologies A...
XE161FU INFINEON-XE161FU Datasheet
2Mb / 106P
   Real Time Signal Controller
V1.2 2012-07
XE162FM INFINEON-XE162FM Datasheet
1Mb / 107P
   Real Time Signal Controller
V2.1 2011-07
XE164FN INFINEON-XE164FN_13 Datasheet
3Mb / 126P
   Real Time Signal Controller
V1.4 2013-02
XE167FH INFINEON-XE167FH Datasheet
1Mb / 143P
   Real Time Signal Controller
V1.3 2011-07
XE162FN INFINEON-XE162FN_13 Datasheet
2Mb / 107P
   Real Time Signal Controller
V1.5 2013-02
logo
Cypress Semiconductor
PSOC3 CYPRESS-PSOC3 Datasheet
1Mb / 2P
   PSoC 3 DEVELOPMENT KIT QUICK START GUIDE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com