Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR01KC16H-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FR01KC16H-S
Description  10mm DIP Rotaries
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FR01KC16H-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FR01KC16H-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FR01KC16H-S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series FR01
10mm DIP Rotaries
www.nkk.com
G4
G
Electrical Capacity (Resistive Load)
Switching Rating:
100mA @ 5V DC
Nonswitching Rating:
100mA @ 50V DC
Other Ratings
Contact Resistance:
100 milliohms maximum; 30 milliohms maximum for contact point
Insulation Resistance:
1,000 megohms minimum @ 250V DC
Dielectric Strength:
250V AC minimum for 1 minute minimum
Mechanical Life:
10,000 detent operations minimum
Electrical Life:
10,000 detent operations minimum
Notes: A detent operation is one actuator position operation or stepping.
A cycle is one 360° rotation. 10,000 detent operations equal 625
cycles for hexadecimal devices or 1,000 cycles for decimal devices.
Nominal Operating Torque:
Metal Shaft: 0.009Nm for decimal devices; 0.011Nm for hexadecimal devices
All other Actuator types: 0.008Nm for decimal devices; 0.01Nm for hexadecimal devices
Contact Timing:
Nonshorting
Materials & Finishes
Actuators:
Screwdriver and Plastic Shaft - Glass fiber reinforced polyamide (UL94V-0);
Dial - Polyoxymethylene; Metal Shaft - Brass with nickel plating
Bushing :
Brass with nickel plating (for Metal Shaft model)
Outer Case:
Glass fiber reinforced PBT (for Metal Shaft model)
Housing & Base:
Glass fiber reinforced polyamide (UL94V-0)
Movable Contacts:
Copper alloy with gold plating
Stationary Contacts:
Phosphor bronze with gold plating
Terminals:
Phosphor bronze with gold plating
Terminal Cover:
Polyamide (Right angle model only)
Bracket:
Phospher bronze with tin plating (for Metal Shaft model)
Environmental Data
Operating Temperature Range:
–25°C through +85°C (–13°F through +185°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 5 minutes; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Processing
Soldering:
Wave Soldering Recommended. See Profile A in Supplement section.
Note: During Wave Soldering process, set the switch to the following position:
FR01FR10P, FR01FR16P, FR01KR10P, FR01KR16P, FR01SR10P, FR01SR16P,
FR01AR10PB, FR01AR16PB, FR01AR10HB, FR01AR16HB: 0 position;
FR01FC10P, FR01KC10P, FR01FC10H, FR01KC10H,
FR01SC10P, FR01AC10PB, FR01AC10HB: 7 position;
FR01FC16P, FR01KC16P, FR01FC16H, FR01KC16H,
FR01SC16P, FR01AC16PB, FR01AC16HB: F position
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Custom process sealed version available; contact factory.
Standards & Certifications
Flammability Standards:
UL94V-0 rated actuator, housing and base
The FR01 Series rotaries have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current circuit.
When used as intended, the results do not produce hazardous energy.
General Specifications


Similar Part No. - FR01KC16H-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01KC16HB-S NKK-FR01KC16HB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
More results

Similar Description - FR01KC16H-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com