Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN2020-30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN2020-30
Description  General-purpose filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2020-30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN2020-30 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2020-30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
106
Filter selection table
Choose the filter FN xxxx-x with the required current rating and features, and add /??
to determine input/output (line/load) connection style. Example: FN 2020-10/06 is a 10A
filter with fast-on connections.
1
(1.15)
3
(3.45)
6
(6.9)
10
(11.5)
12
(13.8)
16
(18.4)
20
(23)
30
(34.5)
60
(69)
Current ratings
at 40°C (25°)
A
FN 2020 -1
/??
FN 2020 -3
/??
FN 2020 -6
/??
FN 2020 -10
/??
FN 2020 -12
/??
FN 2020 -16
/??
FN 2020 -20
/??
FN 2020 -30
/??
FN 2020 -60
/??
Filter
/06
/06
/06
/06
/06
/06
/06
/07
/07
/07
/07
/07
/07
/08
/08
/24
Connections
F2
F2
F2
F2
F2
H2
K1
P
L2
Housing
80
80
80
85
85
140
210
470
1100
Weight
g
1 000 000
1 750 000
1 000 000
MTBF
Per Mil-HB-217F at 40ºC 230V
hours
2000
1700
2500
1700
2500
1700
Filter type
0.4*
0.002
0.040
Maximum
leakage
mA/phase
250
50/60
250
50/60
250
50/60
Maximum
operating voltage
VAC
Hz
Hipot test voltage
PN E
P N
VAC
VDC
Operating
frequency
Hz
DC to 400
DC to 400
DC to 400
* 1mA for 30A and 60A versions
Additional specifications
Approvals
12
0.15
4.7
1
2.5
0.15
4.7
1
1
0.15
4.7
1
0.8
0.15
4.7
1
0.7
0.15
4.7
1
0.65
0.15
4.7
1
0.6
0.15
4.7
1
0.67
0.47
10
0.47
1
1.5
10
0.22
Inductance
Capacitance
Resistance
LCx
Cy
R
mH
μFnF
M
Ω
Standard types
B medical types (no Y capacitors)
A safety types (lower capacitance)
FN 2020
• Current ratings from 1 to 60A
• High differential mode attenuation
• Optional medical versions (B types)
• Optional safety versions (A types)
• Nennströme von 1 bis 60A
• Hohe Dämpfung im symmetrischen Betrieb
• Optionale medizinische Versionen (Typ B)
• Optionale Sicherheitsversionen (Typ A)
• Courants de service de 1 à 60 A
• Bonne atténuation en mode différentiel
• En option version pour appareils médicaux (type B)
• En option version pour la sécurité (type A)
General-purpose filter
Electrical schematic
E
Cx
R
L
FN 2020
Cy
Cy
N
P
N'
P'
See tables for component values.
Cx


Similar Part No. - FN2020-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-30-08 ETC2-FN2010-30-08 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN2010-30-08 SCHAFFNER-FN2010-30-08 Datasheet
1Mb / 7P
   General Purpose AC/DC EMI Filter
More results

Similar Description - FN2020-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
Faraday Technology
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
logo
Faraday Technology
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
   GENERAL PURPOSE LP FILTER
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FF0200J FARADAY-FF0200J Datasheet
126Kb / 2P
   GENERAL PURPOSE VIDEO FILTER
logo
List of Unclassifed Man...
FN2010-3-06 ETC2-FN2010-3-06 Datasheet
248Kb / 5P
   General Purpose EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com