Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMX002P202 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FMX002P202
Description  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMX002P202 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FMX002P202 Datasheet HTML 4Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 5Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 6Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 7Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMX002P202 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
33
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMX002P102 *
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX002S102 *
FMX002P101 *
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX002S101 *
FMX002P202 *
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMX002S202 *
FMX002P201 *
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMX002S201 *
FMX003P102 **
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX003S102**
FMX003P101**
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX003S101**
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff
30 microinches = 0,8 µm
200 microinches = 5 µm
* Short version / kurze Version
** Deep-drawn crimp ferrule without inspection hole, please see illustration on page 32.
** Tiefgezogene Crimphülse ohne Inspektionsbohrung, siehe Darstellung auf Seite 32.
Order Number
Receptacles
179BU, 187AU
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
179BU, 187AU
Type
Ausführung
Innenleiter
Inner Conductor
179BU, 187AU
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 75 Ohm, Straight Cable Termination
FMX Koaxialkontakte, 75 Ohm, gerader Kabelanschluss
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
FMX002...
0,5
1,9
2,3
3,2
6,0
3,1
2,0
7,3
18,55
19,05
12,8
(0.020)
(0.075)
(0.091)
(0.126)
(0.236)
(0.122)
(0.079)
(0.287)
(0.730)
(0.750)
(0.504)
FMX003...
0,5
1,9
2,3
3,2
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.020)
(0.075)
(0.091)
(0.126)
(0.374)
(0.197)
(0.118)
(0.441)
(0.886)
(0.906)
(0.657)
Dimensions
Abmessungen


Similar Part No. - FMX002P202

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-10D GULFSEMI-FMX-10D Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
logo
Sanken electric
FMX-1106S SANKEN-FMX-1106S Datasheet
147Kb / 4P
   Silicon Diode
FMX-12S SANKEN-FMX-12S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-12S SANKEN-FMX-12S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
More results

Similar Description - FMX002P202

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com