Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB1248SH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FFB1248SH
Description  120 x 120 x 25.4 MM SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FFB1248SH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FFB1248SH Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
120 x 120 x 25.4 MM SERIES
FFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
New
*
*
*
*
Bearing Type
Ball Bearings
Material
Impeller & Frame : Plastic(UL 94V-0)
Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive(+)
Black Wire Negative(-)
Weight : 205g (7.23 OZ)
HH
VH
SH
EH
FFB1212/24/48X
0
1.0
2.0
4.0
3.0
5.0
15.0
12.5
10.0
5.0
2.5
0
7.5
(M /MIN)
3
(CFM)
Air Flow
0
40.0
80.0
120.0 160.0
0
0.10
0.20
0.30
0.40
0.50
0.60
(13.189 0.394)
335.0 10.0
10.0
(0.394)
(4.134 0.012)
105.0 0.3
120.0 0.5
(4.724 0.020)
(8- 0.177 0.012)
8- 4.5 0.3
5.0 0.3
(0.197 0.012)
5.0 0.3
(0.197 0.012)
25.4 0.5
(1.000 0.020)
LABEL
(4.134)
(4.606)
117.0
105.0
105.0
117.0
(4.606)
(4.134)
4-
4.5
(4-
0.177)
(4-
0.177)
4-
4.5
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Speed
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
M /min
CFM
mmH O
IN H O
dB-A
3
22
-R00 / -F00
12
7.0 to 13.2
0.65
7.80
-R00 / -F00
24
14.0 to 26.4
0.28
6.72
3100
3.249
114.73
7.32
0.288
49.7
-R00 / -F00
48
28.0 to 56.0
0.14
6.72
-R00 / -F00
12
7.0 to 13.2
0.79
9.48
-R00 / -F00
24
14.0 to 26.4
0.37
8.88
3400
3.592
126.85
8.29
0.326
51.9
-R00 / -F00
48
28.0 to 56.0
0.18
8.64
-R00 / -F00
12
7.0 to 13.2
1.03
12.36
-R00 / -F00
24
14.0 to 26.4
0.52
12.48
3700
3.969
140.16
10.64
0.419
54.3
-R00 / -F00
48
28.0 to 53.0
0.25
12.00
-R00 / -F00
12
7.0 to 13.2
1.45
17.40
-R00 / -F00
24
14.0 to 26.4
0.63
15.12
4000
4.257
150.33
12.43
0.489
56.4
-R00 / -F00
48
28.0 to 53.0
0.32
15.36
FFB1212HH
FFB1224HH
FFB1248HH
FFB1212VH
FFB1224VH
FFB1248VH
FFB1212SH
FFB1224SH
FFB1248SH
FFB1212EH
FFB1224EH
FFB1248EH
http://www.deltaww.com


Similar Part No. - FFB1248SH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB1248SHE ETC2-FFB1248SHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
FFB1248SHE ETC2-FFB1248SHE Datasheet
462Kb / 1P
   DIMENSIONS DRAWING
logo
Delta Electronics, Inc.
FFB1248SHE DELTA-FFB1248SHE Datasheet
568Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB1248SHE-R00 DELTA-FFB1248SHE-R00 Datasheet
855Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - FFB1248SH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
PFB1224UHE ETC2-PFB1224UHE Datasheet
479Kb / 1P
   120 x 120 x 38 MM SERIES
AFB1212SHE ETC-AFB1212SHE Datasheet
87Kb / 1P
   120 x 120 x 38 MM SERIES
logo
Delta Electronics, Inc.
QFR DELTA-QFR Datasheet
256Kb / 1P
   QFR 120 x 120 x 38 MM SERIES
PFR1212DHE DELTA-PFR1212DHE Datasheet
301Kb / 1P
   PFR 120 x 120 x 38 MM SERIES
logo
List of Unclassifed Man...
AFB0924VH ETC2-AFB0924VH Datasheet
466Kb / 2P
   92 x 92 x 25.4 MM SERIES
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ORION FANS
OA109AP ORIONFANS-OA109AP Datasheet
931Kb / 1P
   120 x 38mm
logo
List of Unclassifed Man...
RER120TD ETC2-RER120TD Datasheet
255Kb / 1P
   DC centrifugal fans Series RER 120 TD 횠 120 x 54 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com