Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FE2X39-4-2 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # FE2X39-4-2
Description  Current Compensated Noise Suppression Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

FE2X39-4-2 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  FE2X39-4-2 Datasheet HTML 1Page - Pulse A Technitrol Company FE2X39-4-2 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
pulseelectronics.com
Current Compensated Noise
Suppression Chokes
FE 2X Series - 2 Phase Common Mode Choke
P538.C (7/12)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
Size
Code
A
MAX
B
MAX
C
MAX
E
F
3
.803
20,40
.724
18,40
.528
13,40
.394
10,00
.197
5,00
4
1.000
25,40
.803
20,40
.626
15,90
.492
12,50
.394
10,00
5
1.197
30,40
1.079
27,40
.724
18,40
.591
15,00
.492
12,50
6
1.394
35,40
1.276
32,40
.724
18,40
.591
15,00
.492
12,50
Size
Code
A
MAX
B
MAX
C
MAX
E
F
3
.508
12,90
.705
17,90
.705
17,90
.394
10,00
.591
15,00
4
.606
15,40
.902
22,90
.902
22,90
.492
12,50
.787
20,00
5
.705
17,90
1.098
27,90
1.098
27,90
.591
15,00
.984
25,00
8
1.000
25,40
1.709
43,40
1.669
42,40
.591
15,00
1.575
40,00
Notes: Tolerances for E & F are ±.010 / 0,25
Notes: Tolerances for D & E are ±.010 / 0,25
.028
0,70
.028
0,70
.039
1.00
F
CE
PINS VIEW
±
±
B
A
.157 ± .039
4,00 ± 1.00
.028
0,70
A
B
E
CD
1
2
7
8
PINS VIEW
Style 2 - Vertical Package
Style 3 - Horizontal Package
Mechanicals
Inches
mm
Dimensions:


Similar Part No. - FE2X39-4-2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FE2X39-4-2NL PULSE-FE2X39-4-2NL Datasheet
516Kb / 2P
   Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
FE2X39-4-2NL PULSE-FE2X39-4-2NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
FE2X39-4-2NL PULSE-FE2X39-4-2NL Datasheet
468Kb / 2P
   2 Phase Common Mode Choke
More results

Similar Description - FE2X39-4-2

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
logo
List of Unclassifed Man...
FE3X050-10-7 ETC1-FE3X050-10-7 Datasheet
69Kb / 1P
   CURRENT COMPENSATED NOISE SUPPRESSION CHOKES
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com