Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2042C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2042C
Description  456.00 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2042C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2042C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2042C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2042C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
©2008 - 2010 by RF Monolithics, Inc.
SF2042C - 6/14/10
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.80
5.00
5.20
0.189
0.197
0.205
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.30
1.50
1.70
0.050
0.060
0.067
D
1.98
2.08
2.18
0.078
0.082
0.086
E
1.07
1.17
1.27
0.042
0.046
0.050
F
0.50
0.64
0.70
0.020
0.025
0.028
G
2.39
2.54
2.69
0.094
0.100
0.106
H
1.27
0.050
I
0.76
0.030
J
1.55
0.061
K
2.79
0.110
L
0.76
0.030
M
2.36
0.093
N
1.55
0.061
O
2.79
0.110
P
2.79
0.110
Q
2.79
0.110
8-Terminal Ceramic Surface-Mount Case
5.0 X 5.0 mm Nominal Footprint
SM5050-8 Case
Case Dimensions
Case Materials
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
PCB Footprint
H
I
J
K
L
M
N
O
P
Q
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
TOP VIEW
BOTTOM VIEW


Similar Part No. - SF2042C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2042C RFM-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
More results

Similar Description - SF2042C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2073B MURATA-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
SF2042B MURATA-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF2042B RFM-SF2042B Datasheet
126Kb / 3P
   456.00 MHz SAW Filter
SF2073B RFM-SF2073B Datasheet
423Kb / 9P
   456.00 MHz SAW Filter
SF2042C RFM-SF2042C Datasheet
477Kb / 3P
   456.00 MHz SAW Filter
logo
EPCOS
B5032 EPCOS-B5032 Datasheet
76Kb / 7P
   SAW Components Low-Loss Filter 456.00 MHz
B5011 EPCOS-B5011 Datasheet
83Kb / 8P
   SAW Components Low-Loss Filter for WiMAX 456.00 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com