Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W28-XQ1A-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # W28-XQ1A-5
Description  Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W28-XQ1A-5 Datasheet(HTML) 2 Page - Tyco Electronics

  W28-XQ1A-5 Datasheet HTML 1Page - Tyco Electronics W28-XQ1A-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
111
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 10-10)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
W28-XQ1A-0.25
W28-XQ1A-0.50
W28-XQ1A-0.75
W28-XQ1A-1
W28-XQ1A-2
W28-XQ1A-3
W28-XQ1A-4
W28-XQ1A-5
W28-XQ1A-6
W28-XQ1A-7
W28-XQ1A-8
W28-XQ1A-10
W28-XQ1A-12
W28-XQ1A-15
W28-XQ1A-20
W28-XT1A-10
W28-XT1A-12
Outline Dimensions
.250 x .032 (6.35 x .813)
QUICK CONNECT TERMINALS
.625 MAX.
(15.875)
.37
(9.4)
.325 MAX.
(8.26)
.54 MAX.
(13.716)
1.535 MAX.
(38.99)
.19
(4.83)
.76 MAX.
(19.31)
.76 MAX.
(19.31)
AMP RATING
I
O
.625-.635
(15.875-16.129)
.625-.635
(15.875-16.129)
.625-.635
(15.875-16.129)
.570-.575
(14.478-14.605)
.540-.550
(13.716-13.970)
Recommended Panel Cutouts
.970 DIA.
(25.64)
55-025B
INTERNAL TOOTH
PUSH-ON LOCKWASHER
For panels greater than .105” (2.67) thickness
Push-to-Reset Type
Notes: 1. Soldering to terminals is not recommended.
2. Recommended Panel Thickness: Style Q:
.032” - .062” (.813 mm - 1.574 mm)
Style T:
.075” - .105” (1.905 mm - 2.667
mm)
3. Internal tooth push-on washer available for panel thickness not covered above.
Stock Items – Authorized distributors are more likely to stock the following items.
Ordering Information
Typical Part Number
> W
28
-X
Q1
A
-5
1. Designator:
W = Circuit breaker
2. Series Number:
28 = Single Pole Fuseholder Type
3. Circuit Function:
X = Series Trip, Push-to-Reset Button
4. Terminal Type and Mounting:
Q = .250” (6.35mm) Quick Connect will mount in .032”-.062” (.813mm – 1.574mm) thick panel.
T = .250” (6.35mm) Quick Connect will mount in .075”-.105” (1.905mm – 2.667mm) thick panel.
For panel thicknesses other than above, order “Q” type and 55-025B Internal Tooth Push-On Lockwasher.
5. Bezel Color:
1 = Black with White Rate Marking
11 = Black with No Rate Marking
2 = Red with Black Rate Marking
21 = Red with No Rate Marking
B = Black with White “Reset” Marked On Bezel (No Rate Marking)
Consult factory for other bezel colors.
6. Button Color:
A = Black
B = Red
Consult factory for other button colors.
7. Amp Rating:
0.25
0.75
24
6
8
10
12
14
20
0.50
13
5
79
11
13
16
Optional Protective Boot
Clear Silicone Rubber Boot
23-019A
Optional Internal Tooth Push-On Lockwasher
For panels greater than .105 (2.67) thickness
55-025B
Disclaimer
While Tyco Electronics has made every reasonable effort to ensure the accuracy
of the information in this document, Tyco Electronics does not guarantee that it
is error-free, nor does Tyco Electronics make any other representation, warranty
or guarantee that the information is accurate, correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments to the information
contained herein at any time without notice. Tyco Electronics expressly dis-
claims all implied warranties regarding the information contained herein, includ-
ing, but not limited to, any implied warranties of merchantability or fitness for a
particular purpose.
The dimensions in this catalog are for reference purposes only and are subject
to change without notice. Specifications are subject to change without notice.
Consult Tyco Electronics for the latest dimensions and design specifications.
Note: All standard part numbers in this series are RoHS compliant.
.350
(8.89)
.525
(13.33)
.750
(19.05)
SECTION A-A
AA


Similar Part No. - W28-XQ1A-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W28-XQ1A-5 TEC-W28-XQ1A-5 Datasheet
426Kb / 2P
   Approved to many international standards
More results

Similar Description - W28-XQ1A-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393250-1 MACOM-2-1393250-1 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-XQ1A-10 MACOM-W28-XQ1A-10 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-2 MACOM-2-1393250-2 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-3 MACOM-2-1393250-3 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-7 MACOM-2-1393250-7 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
W28-X1024-3.20 MACOM-W28-X1024-3.20 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-9 MACOM-2-1393250-9 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-8 MACOM-2-1393250-8 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
3-1393250-9 MACOM-3-1393250-9 Datasheet
528Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
2-1393250-5 MACOM-2-1393250-5 Datasheet
534Kb / 2P
   Push to Reset Fuseholder-Type Thermal P&B Circuit Breaker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com