Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA06T12L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FBA06T12L
Description  Bearing Type Hydro Wave
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBA06T12L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FBA06T12L Datasheet HTML 1Page - List of Unclassifed Manufacturers FBA06T12L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FBA06T (60mm Thin)
10
Rated
Operating
Rated
Rated
Nominal
Maximum
Maximum
Voltage
Voltage
Current
Input
Speed
Air Flow
Air Pressure
Noise
(V)
(V)
(mA)
(W)
(r/min)
(m3/min)
(CFM)
(mmH2O)
(Pa)
(dB-A)
Basic Data (nominal at room temperature)
FBA06T12L
12
7
—13.8
88
1.06
3200
0.34
12.0
2.80
27.5
24.0
FBA06T12H
12
7
—13.8
145
1.74
4200
0.47
16.6
4.75
46.6
32.0
FBA06T24L
24
14
—27.6
56
1.34
3200
0.34
12.0
2.80
27.5
24.0
FBA06T24H
24
14
—27.6
83
1.99
4200
0.47
16.6
4.75
46.6
32.0
Features
Operating Temperature: -10°C — +70°C (65% RH)
Storage Temperature: -40°C — +75°C (65% RH)
Bearing Type: Hydro Wave
Aerodynamic blade and venturi design
Locked rotor protection and auto-start function
Lower circuit noise by new IC
Optional third lead wire signal (Locked rotor alarm sensor)
60
50
3
15
3
FLOW
ROTATION
4-ø4
58
50
4-ø4.2
CUT OUT
Inlet/Outlet


Similar Part No. - FBA06T12L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBA06T12L ETC2-FBA06T12L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
More results

Similar Description - FBA06T12L

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
KFB DELTA-KFB Datasheet
419Kb / 1P
   Bearing Type
GFB DELTA-GFB Datasheet
297Kb / 1P
   Bearing Type Ball Bearings
FTA DELTA-FTA Datasheet
356Kb / 1P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
EFB DELTA-EFB Datasheet
480Kb / 2P
   Bearing Type Ball Bearings
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
   Bearing Type Ball Bearings
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
   Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
AFB0912L DELTA-AFB0912L_V01 Datasheet
615Kb / 2P
   Bearing Type Ball Bearings
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
   ball bearing or fluid dynamic bearing
logo
Festo Corporation.
1354281 FESTO-1354281 Datasheet
78Kb / 1P
   Counter bearing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com