Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF4803P-6WR3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URF4803P-6WR3
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF4803P-6WR3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URF4803P-6WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF4803P-6WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF4803P-6WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF4803P-6WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF4803P-6WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
URF_P-6WR3 Series
2014.07.21-A/0
Page1 of5
MORNSUN Guangzhou Science& Technology Co., Ltd. reserves the copyright and right of final interpretation
6W,Ultra wide input isolated& regulated single output,
DIP package, DC/DC converter
Patent Protection RoHS
FEATURES
l
Wide range of input voltage (4:1)
l
Efficiency up to 88%
l
No-load power consumption as low as 0.2W
l
Isolation voltage :3K VDC
l
Operating temperature range: -40℃ to +85℃
l
Input under-voltage protection, short circuit,
over-voltage & Over-current protection output
l
Meet CISPR22/EN55022 CLASSA
l
International standard pin-out
URF_P-6WR3 series products are of 6W output power, extremely wide range of voltage input of 9-36VDC, 18-75VDC,isolation voltage of
3000VDC, output over-voltage protection and output short circuit protection with the bare component in compliance with
CISPR22/EN55022 CLASS A; these products are widely used in fields such as industrial control, electric power, instruments and
communication.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max. Capacitive
Load(µF)
Nominal
(Range)
Max. *
Output Voltage (VDC) Output Current (mA)
(Max./Min.)
URF2403P-6WR3
24
(9-36)
40
3.3
1500/75
77/79
2200
URF2405P-6WR3
5
1200/60
81/83
2200
URF2409P-6WR3
9
667/33
85/87
1000
URF2412P-6WR3
12
500/25
86/88
680
URF2415P-6WR3
15
400/20
86/88
470
URF2424P-6WR3
24
250/13
85/87
330
URF4803P-6WR3
48
(18-75)
80
3.3
1500/75
77/79
2200
URF4805P-6WR3
5
1200/60
81/83
2200
URF4812P-6WR3
12
500/25
86/88
680
URF4815P-6WR3
15
400/20
86/88
470
URF4824P-6WR3
24
250/13
85/87
330
Note:
*Absolute maximum rating without damage on the converter, but it isn't recommended.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
24VDC Input
--
316/5
--
mA
48VDC Input
--
160/4
--
Reflected Ripple Current
24VDC Input
--
20
--
48VDC Input
--
20
--
Input impulse Voltage (1sec. max.)
24VDC Input
-0.7
--
50
VDC
48VDC Input
-0.7
--
100
Starting Voltage
24VDC Input
--
--
9
48VDC Input
--
--
18
under-voltage turn-off
24VDC Input
5.5
6.5
--
48VDC Input
14.0
15.5
--
Starting Time
Nominal input& constant resistance load
--
10
--
ms
Input Filter
Pi filter


Similar Part No. - URF4803P-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF4803P-6WR3 MORNSUN-URF4803P-6WR3 Datasheet
288Kb / 5P
   DC/DC Converter
More results

Similar Description - URF4803P-6WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com