Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2412LP-10WR3 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URF2412LP-10WR3
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2412LP-10WR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URF2412LP-10WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2412LP-10WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
URF_LP-10WR3 Series
2014.07.14-A/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMS
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV (see Fig.3-①for recommended circuit)
perf. Criteria B
Conducted disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
Operating Temperature( )
Temperature Derating Curve
Safe Operating Area
-40
040
71 85
120
80
60
100
120
40
20
0
Fig. 1
URF2405LP-
10WR3
60
65
70
75
80
85
90
95
100
9
141924293436
Input Voltage (V)
Efficiency Vs Input (Full Load)
URF2405LP-
10WR3
50
55
60
65
70
75
80
85
90
95
100
5
102030405060708090 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
URF4815LP-
10WR3
60
65
70
75
80
85
90
95
100
18
24
30
36
42
48
54
60
66
75
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
URF4815LP-
10WR3
50
55
60
65
70
75
80
85
90
95
100
5
1020 3040 5060708090 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig. 2
Cin
Cout
10μF~47μF10μF


Similar Part No. - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
2Mb / 6P
   DC/DC Converter
URF2412LP-10WR3 MORNSUN-URF2412LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results

Similar Description - URF2412LP-10WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com