Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4824YMD-6WR3 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # URB4824YMD-6WR3
Description  DC/DC Power Supply Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4824YMD-6WR3 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  URB4824YMD-6WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4824YMD-6WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4824YMD-6WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4824YMD-6WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4824YMD-6WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4824YMD-6WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Power Supply Module
URA_YMD-6WR3 & URB_YMD-6WR3 Series
2014.07.17-A/0
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input Current (full load / no-load)
24VDC input
--
316/5
--
mA
48VDC input
--
160/4
--
Reflected Ripple Current
24VDC input
--
20
--
48VDC input
--
20
--
Input impulse Voltage(1sec.max.)
24VDC input
-0.7
--
50
VDC
48VDC input
-0.7
--
100
Starting Voltage
24VDC input
--
--
9
48VDC input
--
--
18
under-voltage turn-off
24VDC input
5.5
6.5
--
48VDC input
14.0
15.5
--
Input Filter
Pi filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±3
%
Balance of Output Voltage
Dual output, balanced load
--
±0.5
±1.5
Line Voltage Regulation
Full load, the input voltage is from low voltage to
high voltage
--
±0.2
±0.5
Load Regulation
5%-100% load
--
±0.5
±1
Cross Regulation
Dual output, main circuit with 50% load,
auxiliary circuit with 10%-100% load
--
--
±5
Transient Recovery Time
25%load stepchange
--
300
500
μs
Transient Response Deviation
3.3V, 5V, ±5V output
--
±5
±8
%
Others
--
±3
±5
Temperature Drift Coefficient
Full load
--
--
±0.03
%/
Ripple & Noise*
20MHz bandwidth
--
60
85
mV p-p
Output Over-voltage Protection
Input voltage range
110
--
160
%Vo
Output Over-current Protection
110
140
190
%Io
Output Short circuit Protection
Continuous, self-recovery
Note:*Parallel line test method is adopted to test ripple and noise, please see
DC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the
leak current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
1000
--
pF
Operating Temperature
Derating if the temperature is ≥71(see Fig. 1)
-40
--
85
Storage Humidity
Without condensation
5
--
95
%
Storage Temperature
-55
--
125
Max. Operating Temperature
for Casing
Within the operating temperature curve
--
--
105
Lead Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Vibration
10-55Hz, 10G, 30 Min. along X, Y and Z
Switching Frequency *
PWM mode
--
300
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Note:* This series of products using reduced frequency technology, the switching frequency is test value of full load,When the load is reduced to below50%, the
switching frequency decreases with decreasing load.
Physical Specifications
Casing Material
Aluminum alloy


Similar Part No. - URB4824YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4824YMD-6WR3 MORNSUN-URB4824YMD-6WR3 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
More results

Similar Description - URB4824YMD-6WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URH2405P-6WR3 MORNSUN-URH2405P-6WR3_15 Datasheet
263Kb / 4P
   DC/DC Power Supply Module
URA2405YMD-6WR3 MORNSUN-URA2405YMD-6WR3_15 Datasheet
1Mb / 6P
   DC/DC Power Supply Module
logo
STMicroelectronics
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
   AC-DC power supply module
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
Wall Industries,Inc.
DCUPH6 WALL-DCUPH6 Datasheet
437Kb / 5P
   6 Watts DC/DC Power Supply Module Single Output
logo
Shanghai Leiditech Elec...
AP2305GN LEIDITECH-AP2305GN Datasheet
563Kb / 3P
   Power Supply DC-DC Converters
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com