Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4803YMD-20W Datasheet(PDF) 8 Page - MORNSUN Science& Technology Ltd.

Part # URB4803YMD-20W
Description  REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4803YMD-20W Datasheet(HTML) 8 Page - MORNSUN Science& Technology Ltd.

  URB4803YMD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4803YMD-20W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB_YMD-20W
2013.05.21-A/2
Page 8 of 8
EXTERNAL CAPACITOR TABLE
(Table 2)
Capacitance
Vout
Cout(
µF)
Cin(
µF)
3.3V/5V
470
12V/15V
220
100
②It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable.
Note:
1. Min. load shouldn't be less than 5%, otherwise ripple maybe increased dramatically, If the product operates under min. load, it may not be
guaranteed to meet all specifications listed. Operation under minimum load will not damage the converter.
2. Recommended Dual output models unbalanced load is
≤±5%, If the product operates >±5%, it may not be guaranteed to meet all specifications
listed. Please contact our technical support for more details.
3. Max. Capacitive Load is tested at input voltage range and full load.
4. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
5. In this datasheet, all test methods are based on our corporate standards.
6. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more details.
7. Please contact our technical support for any specific requirement.
8. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - URB4803YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4803YMD-20WR3 MORNSUN-URB4803YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
More results

Similar Description - URB4803YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com