Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4815LD-15W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB4815LD-15W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4815LD-15W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB4815LD-15W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4815LD-15W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4815LD-15W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
URB_LD-15W
2013.05.31-A/4
Page 1 of 3
URB_LD-15W Series
15W, WIDE INPUT , ISOLATED & REGULATED
SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Model
Nominal
Range
Max.
(1)
Voltage
(VDC)
Current
(2)
(mA)
Efficiency
(%, Typ.)
Capacitor
Load
(3)
(max,
µF)
URB2403LD-15W
3.3
4000
80
10200
URB2405LD-15W
5
3000
82
4020
URB2412LD-15W
12
1250
85
1035
URB2415LD-15W
24
9-36
40
15
1000
85
705
URB4803LD-15W
3.3
4000
81
10200
URB4805LD-15W
5
3000
83
4020
URB4812LD-15W
12
1250
85
1035
URB4815LD-15W
48
18-75
80
15
1000
85
705
Note: Add suffix
“H” for heatsink mounted, for example URB2405LD-15WH.
INPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
24 Vin models
--
--
9
Start-up voltage
48 Vin models
--
--
18
VDC
Input filter
LC
Start-up time
--
10
--
ms
Models ON
3.5 - 40VDC or open circuit
Ctrl
(4)
Models OFF
0 - 1.2VDC
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
See product program
1.5
--
15
W
Output voltage accuracy Refer to recommended circuit
--
±1
±3
Load regulation
From 10% to 100% load
--
±0.5
±1
Line regulation
Input voltage from low to high
--
±0.2
±0.5
%
Ripple and noise
20MHz Bandwidth
55
75
150
mV
Transient recovery time
--
200
500
us
Transient peak deviation
25%~50%~25% load or
50%~75%~50% load step change
--
±2
±5
%
Over current protection Input voltage range
120
130
150
%
3.3V output models
--
3.9
--
5V output models
--
6.2
--
12V output models
--
15
--
Over voltage protection
15V output models
--
18
--
VDC
Output Short Circuit
Input voltage range
Hiccup, automatics recovery
Trim
--
±10%Vo
--
VDC
Temperature drift (Vout) Refer to recommended circuit
--
±0.02
--
%/
°C
● Efficiency up to 85%
● 4:1 wide input voltage range
● 1.5kVDC input/output isolation
● Short circuit protection
(automatic recovery)
● Operating temperature: -40°C ~ +85°C
● Internal SMD construction
● Metal shielding package
● Industry standard pinout
● MTBF>1,000,000 hours
● RoHS Compliance
APPLICATION
The URB_LD-15W series offer 15W of output,
with 4:1
wide input
voltage of
9-36VDC,
18-75VDC and features 1500VDC isolation,
over current, over voltage and short-circuit
protection, as well as six sided shielding. All
models are particularly suited to industrial,
tele-communications, test equipments power.
MODEL SELECTION
URB2405LD-15W
Rated Power
Package
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - URB4815LD-15W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4815LD-15WR2 MORNSUN-URB4815LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - URB4815LD-15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com