Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB2403YMD-20W Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URB2403YMD-20W
Description  REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2403YMD-20W Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URB2403YMD-20W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB2403YMD-20W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URB_YMD-20W
2013.05.21-A/2
Page 6 of 8
URB_YMD-20WH PCB MOUNTING OUTLINE DIMENSIONS (WITH HEAT SINK)
URB_YMD-20WA2S CHASSIS MOUNTING WITH OUTLINE DIMENSIONS
Footprint Details
Pin
1
2
3
4
5
6
Function
Ctrl
GND
Vin
0V
Trim
+Vo
URB_YMD-20WA4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
DIN-rail modules are fitting to TS35 rails
Footprint Details
Pin
1
2
3
4
5
6
Function
Ctrl
GND
Vin
0V
Trim
+Vo


Similar Part No. - URB2403YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
   20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
More results

Similar Description - URB2403YMD-20W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
VRB2403LD-50W MORNSUN-VRB2403LD-50W Datasheet
1Mb / 7P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DCCONVERTER
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
   20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com