Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URA4812LD-20WR2 Datasheet(PDF) 8 Page - MORNSUN Science& Technology Ltd.

Part # URA4812LD-20WR2
Description  REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URA4812LD-20WR2 Datasheet(HTML) 8 Page - MORNSUN Science& Technology Ltd.

Back Button URA4812LD-20WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. URA4812LD-20WR2 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-20WR2 & URB_LD-20WR2
2013.11.29-A/3
Page 8 of 10
URA_LD-20WHR2A2S&URB_LD-20WHR2A2S CHASSIS MOUNTING OUTLINE DIMENSIONS
Footprint Details
Pin
1
2
3
4
5
6
Dual
Ctrl
GND
Vin
-Vo
0V
+Vo
Single
Ctrl
GND
in
0V
Trim
+Vo
URA-LD-20WR2A4S& URB-LD-20WR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
It is hanged on the TS35 rail
Footprint Details
Pin
1
2
3
4
5
6
Dual
Ctrl
GND
Vin
-Vo
0V
+Vo
Single
Ctrl
GND
Vin
0V
Trim
+Vo
URA_LD-20WHR2A4S&URB_LD-20WHR2A4S DIN-RAIL MOUNTING OUTLINE DIMENSIONS
DIN-rail modules are fitting to TS35 rails
Footprint Details
Pin
1
2
3
4
5
6
Dual
Ctrl
GND
Vin
-Vo
0V
+Vo
Single
Ctrl
GND
Vin
0V
Trim
+Vo


Similar Part No. - URA4812LD-20WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA4812LD-20WR3 MORNSUN-URA4812LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
URA4812LD-20WR3 MORNSUN-URA4812LD-20WR3 Datasheet
3Mb / 9P
   DC/DC Converter
More results

Similar Description - URA4812LD-20WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
VRA1205LD-20W MORNSUN-VRA1205LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
   8W DC-DC Regulated Dual Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com