Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB2412LD-20WR2 Datasheet(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Part # URB2412LD-20WR2
Description  REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB2412LD-20WR2 Datasheet(HTML) 9 Page - MORNSUN Science& Technology Ltd.

Back Button URB2412LD-20WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. URB2412LD-20WR2 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-20WR2 & URB_LD-20WR2
2013.11.29-A/3
Page 9 of 10
PACKAGE DIAGRAM
Special Package Series(A2S/A4S)
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
TRIM APPLICATION & TRIM RESISTANCE
Application circuit for TRIM (Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+ Vo
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
Formula for resistance of Trim
u p:
a=
Vref
Vo
’-Vref
R1
R=
T
aR2
R -a
2
-R3
d own :
a=
Vr ef
Vo
’- Vref
R2
R=
T
aR1
R -a
1
-R3
Note: Leave open if not used; Value for R1, R2, R3, andVref refer to the above table 1;RT: Resistance of Trim; a: User-defined parameter, no actual meanings.; Vo’: The
trim up/down voltage.
(Table 1)
Vo
Parameter
3.3(VDC)
5(VDC)
9(VDC)
12(VDC)
15(VDC)
24(VDC)
R1(K
Ω)
4.801
2.883
7.5
10.971
14.497
24.872
R2(K
Ω)
2.863
2.864
2.864
2.864
2.864
2.863
R3(K
Ω)
15
10
15
17.8
17.8
20
Vref(V)
1.24
2.5
2.5
2.5
2.5
2.5
DESIGN CONSIDERATIONS
①Recommended circuit
All the URA_LD-20WR2 & URB_LD-20WR2 Series have been tested according to the following recommended testing circuit before leaving
factory (see Figure 4).
If you want to further decrease the input/output ripple, you can increasea capacitance properly or choose capacitors with low ESR, but the
greatest capacitance of its filter capacitor must less than the Max. Capacitive Load. The recommended capacitance of its filter capacitor sees
(Table 2).


Similar Part No. - URB2412LD-20WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB2412LD-20WR3 MORNSUN-URB2412LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
URB2412LD-20WR3 MORNSUN-URB2412LD-20WR3 Datasheet
3Mb / 9P
   DC/DC Converter
More results

Similar Description - URB2412LD-20WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
VRA1205LD-20W MORNSUN-VRA1205LD-20W Datasheet
531Kb / 4P
   REGULATED DUAL OUTPUT DC-DC CONVERTER
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
   8W DC-DC Regulated Dual Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com