Electronic Components Datasheet Search |
|
URA4805D-30W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd. |
|
URA4805D-30W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd. |
1 / 6 page The copyright and authority for the interpretation of the products are reserved by MORNSUN URA_D-30W&URB_D-30W 2013.05.31-A/2 Page 1 of 6 URA_D-30W&URB_D-30W SERIES 30W,4:1WIDE INPUT, ISOLATED & REGULATED DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER Patent Protection RoHS PART NUMBER SYSTEM URB2405D-30W Product Series Input Voltage Output Voltage Package Rated Power FEATURES ● Efficiency up to 90% ● 4:1 wide input voltage range ● 1500VDC isolation ● Six-sided metal shield ● Short circuit protection (automatic recovery) ● Operating temperature: -40°C to +85°C ● Industry standard pinout APPLICATION URA_D-30W&URB_D-30W series offer 30W of output, wide input voltage:9-36VDC , 18-75VDC , and features 1500VDC isolation, six-sided metal shield, over current and short circuit protection. All models are particularly suitable for industrial, telecommunication, electric power, test equipments applications. SELECTION GUIDE Input Voltage(VDC) Output Current (mA) Input Current (mA)(typ.) Model Nominal (Range) Max* Output Voltage (VDC) Max. Min. @Max. Load @No Load Reflected Ripple Current (mA,typ.) Max. Capacitive Load # (µF) Efficiency (%, typ.) @Max. Load Approval URA2405D-30W ±5 ±3000 ±150 1450 2000 86 URA2412D-30W ±12 ±1250 ±63 1250 89 URA2415D-30W ±15 ±1000 ±50 1420 30 680 90 URB2405D-30W 5 6000 300 120 6000 88 URB2412D-30W 12 2500 125 2500 88 URB2415D-30W 24 (9-36) 40 15 2000 100 1420 30 1100 90 URA4805D-30W ±5 ±3000 ±150 1450 2000 86 URA4812D-30W ±12 ±1250 ±63 1250 87 URA4815D-30W ±15 ±1000 ±50 1420 30 680 87 URB4805D-30W 5 6000 300 100 6000 88 URB4812D-30W 12 2500 125 2500 88 URB4815D-30W 48 (18-75) 80 15 2000 100 1420 30 30 1100 89 Note: 1. *Input voltage can ’t exceed this value, or will cause the permanent damage. # For each output. 2. Add suffix “H” for heat sink mounted, for example URB2405D-30WH. INPUT SPECIFICATIONS Item Test Conditions Min. Typ. Max. Unit Models ON -- -- 9 Nominal Input (24V) Models OFF 8 -- -- Models ON -- -- 17.8 Under Voltage Lockout Nominal Input (48V) Models OFF 16 -- -- VDC Start-up Time -- 10 -- ms Models ON Ctrl leave open or connect TTL high level(3.5-12VDC) Models OFF Ctrl connect GND or low level(0-1.2VDC) Ctrl* Input current (Models OFF) -- -- 1 mA Input Filter Pi Filter Note:* The CTRL pin voltage is referenced to GND. |
Similar Part No. - URA4805D-30W |
|
Similar Description - URA4805D-30W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |