Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBD540-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD540-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD540-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBD540-HF Datasheet HTML 1Page - Comchip Technology CDBD540-HF Datasheet HTML 2Page - Comchip Technology CDBD540-HF Datasheet HTML 3Page - Comchip Technology CDBD540-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-JB054
REV:B
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CDBD540-HF Thru. CDBD5200-HF)
Case Temperature, (°C)
0
4
7
0
25
175
2
5
3
6
50
75
100
125
150
1
Fig.1 - Typical Forward Current
Derating Curve
Forward Voltage, (V)
0.1
Fig.2 - Typical Forward Characteristics
0.01
0.1
1
10
100
0.7
0.3
1.1
1.5
1.3
0.5
0.9
0
90
1
10
100
30
120
60
150
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
TJ=25°C
Number of cycles at 60Hz
Fig.3 - Maximum Non-repetitive
Forward Surge Current
Percentage of Rated Peak Reverse Voltage, (%)
Fig.4 - Typical Revrse Characteristics
Company reserves the right to improve product design , functions and reliability without notice.
TJ=75 °C
TJ=25 °C
Pulse Width 300us
1% Duty Cycle
TJ=25 °C
0.01
0.1
1
10
100
0
60
20
100
140
120
40
80
SMD Schottky Barrier Rectifiers


Similar Part No. - CDBD540-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD540-HF COMCHIP-CDBD540-HF Datasheet
247Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBD540-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com