Electronic Components Datasheet Search |
|
CDBB220LR-HF Datasheet(PDF) 1 Page - Comchip Technology |
|
CDBB220LR-HF Datasheet(HTML) 1 Page - Comchip Technology |
1 / 4 page Low VF Low IR SMD Schottky Barrier Rectifiers Reverse Voltage: 20 to 200 Volts Forward Current: 2.0 Amp RoHS Device Page 1 REV:A CDBB220LR-HF Thru. CDBB2200LR-HF QW-JL027 Comchip Technology CO., LTD. Features -Ultra high-speed switching. Mechanical data -Case: Molded plastic, DO-214AA / SMB -Terminals: solderable per MIL-STD-750, method 2026. -Polarity: Indicated by cathode band. -Weight: 0.091 grams -Low Profile surface mount applications in order to optimize board space. -Low power loss, high efficiency. -Hight current capability, low forward voltage drop. -Hight surge capability. -Guardring for overvoltage protection. -Epoxy: UL94-V0 rate flame retardant. -Silicon epitaxial planar chip,metal silicon junction. CDBB 220LR-HF Max. Repetitive peak reverse voltage Max. DC blocking voltage Max. RMS voltage CDBB 240LR-HF CDBB 260LR-HF CDBB 2100LR-HF CDBB 2150LR-HF Units Symbol Parameter VRRM VDC VRMS 20 20 14 40 40 28 60 60 42 100 100 70 150 150 105 V V V CDBB 2200LR-HF 200 200 140 Max. Instantaneous forward voltage @2.0A, TA=25°C VF 0.40 0.45 0.55 0.75 0.82 V 0.85 Operating Temperature TJ -50 to +150 -50 to +175 °C Forward surge current Reverse Current Storage temperature A A mA Parameter Conditions on rate load (JEDEC method) 8.3ms single half sine-wave superimposed Forward rectified current see Fig.1 Thermal Resistance Diode Junction capacitance VR =VRRM TA=25°C VR =VRRM TA=100°C f=1MHZ and applied 4V DC reverse Voltage Junction to ambient Symbol IO IFSM IR RθJA CJ TSTG IR MIN. TYP. MAX. mA °C/W pF °C 2.0 70 0.5 20 50 30 -50 +175 Units Halogen Free Maximum Ratings and Electrical Characteristics Ratings at Ta=25°C unless otherwise noted. Single phase, half wave, 60Hz, resistive or inductive loaded. For capacitive load, derate current by 20% . Dimensions in inches and (millimeter) DO-214AA (SMB) 0.098 (2.50) 0.083 (2.10) 0.087 (2.20) 0.075 (1.90) 0.157 (4.00) 0.130 (3.30) 0.189 (4.80) 0.157 (4.00) 0.012 (0.31) MAX. 0.220 (5.60) 0.197 (5.00) 0.063 (1.60) 0.028 (0.70) 0.008(0.21) MAX. |
Similar Part No. - CDBB220LR-HF |
|
Similar Description - CDBB220LR-HF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |