Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R25-11D10-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R25-11D10-12
Description  8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R25-11D10-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R25-11D10-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
38
NTE Electronics, Inc.
Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
Features
Epoxy Sealed for Wave Soldering & Cleaning
Upright Package Type
Suitable for 5mm Grid Pattern
Immersion Proof
SPST
−NO, 1 Form “A”
SPDT, 1 Form “C”
DPDT, 2 Form “C”
AC OPERATED
NTE Type No.
Nom.
Voltage
Contact
Arr.
Coil
Res.
Ohms
(Typ)
Nom.
Power
Max.
Contact
Cur. @
28VDC
or 120VAC
Diag
No.
R25
−5A16−24
24VAC
SPDT
280
16A
D39a
R25
−5A16−120
120VAC
SPDT
5600
16A
D39a
R25
−11A10−24
24VAC
DPDT
280
10A
D39a
R25
−11A10−120
120VAC
DPDT
5600
10A
D39a
DC OPERATED
R25
−1D16−5/6
5/6VDC
SPST
−NO
68
500mW
16A
D39b
R25
−1D16−12
12VDC
SPST
−NO
270
500mW
16A
D39b
R25
−1D16−24
24VDC
SPST
−NO
1100
500mW
16A
D39b
R25
−1D16−48
48VDC
SPST
−NO
4200
500mW
16A
D39b
R25
−5D16−5/6
5/6VDC
SPDT
68
500mW
16A
D39a
R25
−5D16−12
12VDC
SPDT
270
500mW
16A
D39a
R25
−5D16−24
24VDC
SPDT
1100
500mW
16A
D39a
R25
−5D16−48
48VDC
SPDT
4200
500mW
16A
D39a
R25
−11D10−5/6
5/6VDC
DPDT
68
500mW
10A
D39a
R25
−11D10−12
12VDC
DPDT
270
500mW
10A
D39a
R25
−11D10−24
24VDC
DPDT
1440
400mW
8A
D83b
R25
−11D10−48
48VDC
DPDT
4200
500mW
10A
D39a
ACCESSORIES
MOUNTING
STYLES
DESCRIPTION
NTE
TYPE NO.
PC MOUNT
8
−PIN
R95
−132
DIN RAIL MOUNT
8
−PIN
R95
−131
R25 Series
8 Amp, 10 Amp & 16 Amp
PC Mountable Relays.
1.002
(25.5)
Max
1.002
(25.5)
Max
.600 (15.24)
D39a
.100
(2.54)
.300
(7.62)
.130 (3.3)
.094 (2.4)
.200 (5.08)
.200 (5.08)
.300
(7.62)
.130 (3.3)
.094 (2.4)
.200 (5.08)
D39b
.100 (2.54)
.800
(20.32)
1.140 (29.0)
Max
1.140 (29.0)
Max
.618
(15.7)
.146
(3.7)
1.142 (29.0)
.500
(12.7)
.299
(7.6)
.197 (5.0)
.051 (1.3) Dia
.590 (15.0)
.197 (5.0)
D83b
Electrical Specifications
Contact
Rating Resistive Load: 16 Amp @ 250/440 VAC,
10 Amp @ 250/440 VAC, 8 Amp @ 240VAC **
Contact Material: AgCdO, AgNi **
Coil
Coil Voltages: See Chart
Pick
−up Voltage: 80% of rated voltage
Drop
−out Voltage: 10% of rated voltage, 15% of rated voltage **
Resistance: See chart
Nominal Power: See Chart
Operational Characteristics
Timing Values
Operate Time: Approx 8 mS, 20ms **
. . . . .
Release Time: Approx 5 mS, 10ms **
Max Switching Rate: 20 operations
per second
Insulation Characteristics
Dielectric Strength
Contact To Coil: 4000 VRMS, 5000 VRMS **
Across Open Contacts: 1000 VRMS, 2500VRMS **
Environmental Characteristics
Operating:
−40 C to +70 C
Mechanical Life: 30 x 106 operations min, 5,000,000 operations **
Weight
Std: 18 gram approx., 10 gram approx. **
** R25
−11D10−24 ONLY


Similar Part No. - R25-11D10-12

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R25-100 HARWIN-R25-100 Datasheet
2Mb / 1P
   Metric & Imperial Spacers
More results

Similar Description - R25-11D10-12

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
TO-220FP CENTRAL-TO-220FP Datasheet
519Kb / 2P
   8&16 Amp Schottky Rectifiers
logo
Tyco Electronics
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-7 MACOM-2-1419108-7 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com