Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-28-9040 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-28-9040
Description  KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 4 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-28-9040 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-28-9040 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-9040 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-28-9040
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 4 Circuits, Tin
(Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42377
Application
Board-to-Board, Signal, Wire-to-Board
Application Tooling Part Link
11-20-1230
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800754390026
Physical
Breakaway
Yes
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
0.284/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.43mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42377Series
Mates With
KK® Crimp Housing 2695 , 6471 , 7880 ,
KK® PC Board Connector 4455


Similar Part No. - 22-28-9040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-9040 MOLEX3-22-28-9040 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 4 Circuits
More results

Similar Description - 22-28-9040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-9020 MOLEX11-22-28-9020 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9090 MOLEX11-22-28-9090 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9100 MOLEX11-22-28-9100 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 10 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9160 MOLEX11-22-28-9160 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 16 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9030 MOLEX11-22-28-9030 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 3 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9120 MOLEX11-22-28-9120 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 12 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9240 MOLEX11-22-28-9240 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 24 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9140 MOLEX11-22-28-9140 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9180 MOLEX11-22-28-9180 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 18 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-9360 MOLEX11-22-28-9360 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com