Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLSP0020JB-A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PLSP0020JB-A
Description  Old Company Name in Catalogs and Other Documents
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLSP0020JB-A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PLSP0020JB-A Datasheet HTML 7Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 8Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 9Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 10Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 11Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 12Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 13Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 14Page - Renesas Technology Corp PLSP0020JB-A Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
R8C/1A Group, R8C/1B Group
1. Overview
Rev.1.40
Dec 08, 2006
Page 9 of 45
REJ03B0144-0140
1.5
Pin Assignments
Figure 1.4 shows Pin Assignments for PLSP0020JB-A Package (Top View), Figure 1.5 shows Pin
Assignments for PRDP0020BA-A Package (Top View) and Figure 1.6 shows Pin Assignments for
PWQN0028KA-B Package (Top View).
Figure 1.4
Pin Assignments for PLSP0020JB-A Package (Top View)
1
2
3
4
5
6
7
8
9
10
20
P3_4/SCS/SDA/CMP1_1
19
P3_3/TCIN/INT3/SSI00/CMP1_0
18
P1_0/KI0/AN8/CMP0_0
17
P1_1/KI1/AN9/CMP0_1
16
P4_2/VREF
15
P1_2/KI2/AN10/CMP0_2
14
P1_3/KI3/AN11/TZOUT
13
P1_4/TXD0
12
P1_5/RXD0/CNTR01/INT11
11
P1_6/CLK0/SSI01
P3_5/SSCK/SCL/CMP1_2
P3_7/CNTR0/SSO/TXD1
RESET
XOUT/P4_7(1)
VSS/AVSS
XIN/P4_6
VCC/AVCC
MODE
P4_5/INT0/RXD1
P1_7/CNTR00/INT10
PIN assignments (top view)
Package: PLSP0020JB-A (20P2F-A)
NOTE:
1. P4_7 is an input-only port.


Similar Part No. - PLSP0020JB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLSP0020JC-A RENESAS-PLSP0020JC-A Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Similar Description - PLSP0020JB-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com