Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDH4390-A5 Datasheet(PDF) 8 Page - Kemet Corporation

Part # LDEDH4390-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDH4390-A5 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button LDEDH4390-A5 Datasheet HTML 4Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 5Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 6Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 7Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 8Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 9Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 10Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 11Page - Kemet Corporation LDEDH4390-A5 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
SMD Film Capacitors
07/2008
LDE series - PEN dielectric RoHS 6
HIGH VOLTAGE (capacitance range: 1000 pF to 0.47 µF)
Standard and miniature versions
* only K and M tolerances available
** up to 230 V
AC for maximum 30 minutes
Rated
cap.
400 VDC / 160 VAC **
630 VDC / 200 VAC
1000 VDC / 250 VAC
Rated
cap.
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
1000 pF
22.20
3000
1.9
LDEPD1100 - A5 - - 0
22.20
3000
1.9
LDEQD1100 - A5 - - 0
1000 pF
1200 pF
22.20
3000
2.0
LDEPD1120 - A5 - - 0
22.20
3000
2.0
LDEQD1120 - A5 - - 0
1200 pF
1500 pF
22.20
3000
2.3
LDEPD1150 - A5 - - 0
22.20
3000
2.3
LDEQD1150 - A5 - - 0
1500 pF
1800 pF
22.20
3000
2.5
LDEPD1180 - A5 - - 0
22.20
3000
2.5
LDEQD1180 - A5 - - 0
1800 pF
2200 pF
22.20
3000
2.0
LDEPD1220 - A5 - - 0
22.20
3000
2.0
LDEQD1220 - A5 - - 0
2200 pF
2700 pF
22.20
3000
2.3
LDEPD1270 - A5 - - 0
22.20
3000
2.3
LDEQD1270 - A5 - - 0
2700 pF
3300 pF
22.20
3000
2.6
LDEPD1330 - A5 - - 0
22.20
3000
2.6
LDEQD1330 - A5 - - 0
3300 pF
3900 pF
22.20
3000
1.9
LDEPD1390 - A5 - - 0
22.20
2250
3.0
LDEQD1390 - A5 - - 0
3900 pF
4700 pF
22.20
3000
2.0
LDEPD1470 - A5 - - 0
22.20
2250
3.4
LDEQD1470 - A5 - - 0
4700 pF
5600 pF
22.20
3000
2.0
LDEPD1560 - A5 - - 0
22.20
1750
3.9
LDEQD1560 - A5 - - 0
5600 pF
6800 pF
22.20
3000
2.3
LDEPD1680 - A5 - - 0
22.20
1750
4.4
LDEQD1680 - A5 - - 0
6800 pF
8200 pF
22.20
3000
2.6
LDEPD1820 - A5 - - 0
28.24
2250
2.9
LDEQE1820 - A5 - - 0
8200 pF
0.010 µF
22.20
2250
3.0
LDEPD2100 - A5 - - 0
28.24
2250
3.4
LDEQE2100 - A5 - - 0
0.010 µF
0.012 µF
22.20
2250
3.4
LDEPD2120 - A5 - - 0
28.24
1750
4.0
LDEQE2120 - A5 - - 0
0.012 µF
0.015 µF
22.20
3000
2.1
LDEMD2150 - A5 - - 0
22.20
1750
4.0
LDEPD2150 - A5 - - 0
28.24
1500
4.9
LDEQE2150 - A5 - - 0
0.015 µF
0.018 µF
22.20
3000
2.2
LDEMD2180 - A5 - - 0
22.20
1750
4.4
LDEPD2180 - A5 - - 0
28.24
1500
5.4
LDEQE2180 - A5 - - 0
0.018 µF
0.022 µF
22.20
3000
2.5
LDEMD2220 - A5 - - 0
28.24
2250
3.4
LDEPE2220 - A5 - - 0
40.30
1500
3.4
LDEQF2220 - A5 - - 0
0.022 µF
0.027 µF
22.20
2250
2.9
LDEMD2270 - A5 - - 0
28.24
1750
4.0
LDEPE2270 - A5 - - 0
40.30
1250
4.1
LDEQF2270 - A5 - - 0
0.027 µF
0.033 µF
22.20
2250
3.4
LDEMD2330 - A5 - - 0
28.24
1500
4.7
LDEPE2330 - A5 - - 0
40.30
1000
4.9
LDEQF2330 - A5 - - 0
0.033 µF
0.039 µF
22.20
1750
3.8
LDEMD2390 - A5 - - 0
28.24
1500
5.3
LDEPE2390 - A5 - - 0
50.40
1500
3.5
LDEQG2390 - A5 - - 0
0.039 µF
0.047 µF
22.20
1750
4.4
LDEMD2470 - A5 - - 0
40.30
1500
3.4
LDEPF2470 - A5 - - 0
50.40
1250
4.1
LDEQG2470 - A5 - - 0
0.047 µF
0.056 µF
28.24
2250
3.5
LDEME2560 - A5 - - 0
40.30
1250
3.9
LDEPF2560 - A5 - - 0
50.40
1000
4.7
LDEQG2560 - A5 - - 0
0.056 µF
0.068 µF
28.24
1750
4.1
LDEME2680 - A5 - - 0
40.30
1250
4.5
LDEPF2680 - A5 - - 0
50.40
1000
5.5
LDEQG2680 - A5 - - 0
0.068 µF
0.082 µF
28.24
1500
4.7
LDEME2820 - A5 - - 0
40.30
1000
5.4
LDEPF2820 - A5 - - 0
60.54
1000
4.2
LDEQH2820 - A5 - - 0
0.082 µF
0.10 µF
28.24
1500
5.4
LDEME3100 - A5 - - 0
50.40
1250
3.9
LDEPG3100 - A5 - - 0
60.54
750
4.8
LDEQH3100 - A5 - - 0
0.10 µF
40.30
1000
5.5
*LDEPF3100 - A0 - - 0
0.12 µF
40.30
1500
3.6
LDEMF3120 - A5 - - 0
50.40
1250
4.4
LDEPG3120 - A5 - - 0
0.12 µF
0.15 µF
40.30
1250
4.4
LDEMF3150 - A5 - - 0
50.40
1000
5.3
LDEPG3150 - A5 - - 0
0.15 µF
0.18 µF
40.30
1000
5.1
LDEMF3180 - A5 - - 0
60.54
1000
4.2
LDEPH3180 - A5 - - 0
0.18 µF
0.22 µF
50.40
1250
3.8
LDEMG3220 - A5 - - 0
60.54
750
4.9
LDEPH3220 - A5 - - 0
0.22 µF
0.27 µF
50.40
1000
4.7
LDEMG3270 - A5 - - 0
60.54
750
5.7
*LDEPH3270 - A5 - - 0
0.27 µF
0.33 µF
50.40
1000
5.6
LDEMG3330 - A5 - - 0
0.33 µF
0.39 µF
60.54
1000
4.2
LDEMH3390 - A5 - - 0
0.39 µF
0.47 µF
60.54
750
4.8
LDEMH3470 - A5 - - 0
0.47 µF
Lead
Free
Suitable for
xDSL
ITU compliant version available upon request
Tolerance - Standard: K = ±10%; M = ±20%;
(J = ±5% available upon request and review of project/application)
Packaging - N = Taped; A to Z = Special;
Internal use
Size code
22.20
28.24
40.30
50.40
60.54
L (mm)
6.0 ± 0.3
7.3 ± 0.4 10.5 ± 0.4 13.0 ± 0.4 15.5 ± 0.4
W (mm)
5.0 ± 0.4
6.1 ± 0.4
7.9 ± 0.5 10.4 ± 0.5 13.7 ± 0.5
P/N 5th digit
D
E
F
G
H


Similar Part No. - LDEDH4390-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDH4390 ETC1-LDEDH4390 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEDH4390-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com