Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDG4180-A5 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDEDG4180-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDG4180-A5 Datasheet(HTML) 1 Page - Kemet Corporation

  LDEDG4180-A5 Datasheet HTML 1Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 2Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 3Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 4Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 5Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 6Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 7Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 8Page - Kemet Corporation LDEDG4180-A5 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
07/2008
F3302 - 2008
SMD Film Capacitors
Catalogue
CONTENTS
page
Short guide to main applications .......................................................................................................................................... 2
Product coding and packaging ............................................................................................................................................. 3
PEN and PPS dielectrics typical temperature graphs .......................................................................................................... 4
PEN and PPS dielectrics typical frequency graphs.............................................................................................................. 5
LDE series - PEN dielectric RoHS 6
Low voltage (50 - 63 - 100 - 250 V
DC) size table ............................................................................................. 6 and 7
High voltage (400 - 630 - 1000 V
DC) size table.......................................................................................................... 8
Technical data........................................................................................................................................................... 9
Maximum V
RMS and IRMS vs. frequency graphs..............................................................................................10 and 11
LDB series - PPS dielectric RoHS 6
16 - 50 V
DC size table .............................................................................................................................................. 12
Technical data......................................................................................................................................................... 13
Soldering recommendations and cautions ............................................................................................................. 14 and 15
Production process basic suggestions ............................................................................................................................... 16
Although the text of this publication is accurate to the best of our knowledge when printed, we reserve the right to make
changes without prior notice.


Similar Part No. - LDEDG4180-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDG4180 ETC1-LDEDG4180 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEDG4180-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com