Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2485 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMX2485
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485 Datasheet(HTML) 2 Page - Texas Instruments

  LMX2485_14 Datasheet HTML 1Page - Texas Instruments LMX2485_14 Datasheet HTML 2Page - Texas Instruments LMX2485_14 Datasheet HTML 3Page - Texas Instruments LMX2485_14 Datasheet HTML 4Page - Texas Instruments LMX2485_14 Datasheet HTML 5Page - Texas Instruments LMX2485_14 Datasheet HTML 6Page - Texas Instruments LMX2485_14 Datasheet HTML 7Page - Texas Instruments LMX2485_14 Datasheet HTML 8Page - Texas Instruments LMX2485_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
FinIF
24
14
15
13
16
17
18
19
20
23
21
22
7
12
11
8
10
9
5
4
6
3
2
1
Pin 0
(Ground Substrate)
VddIF1
GND
CPoutIF
VddIF2
OSCout
LE
FinRF*
FinRF
VddRF1
GND
CPoutRF
VddRF5
Phase
Comp
FinIF
Charge
Pump
CPoutIF
Ftest/LD
MUX
Ftest/LD
IF
LD
Phase
Comp
8/9
or
16/17
Prescaler
B Counter
IF N Divider
A Counter
FLoutRF
VddIF2
VddIF1
RF N Divider
GND
GND
GND
FinRF
FinRF*
8/9/12/13
or
16/17/20/21
Prescaler
C Counter
6'
Compensation
A Counter
B Counter
RF N Divider
ENOSC
OSCout
OSCin
VddRF4
VddRF3
VddRF2
VddRF1
IF R
Divider
RF R
Divider
1X / 2X
RF LD
Charge
Pump
CPoutRF
RF Fastlock
MICROWIRE
Interface
CLK
LE
DATA
CE
LMX2485, LMX2485E
SNAS236E – OCTOBER 2005 – REVISED FEBRUARY 2008
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
CONNECTION DIAGRAM
Figure 1. Top View
24-Pin LLP (SQ)
PIN FUNCTIONS
Pin Descriptions
Pin #
Pin Name
I/O
Pin Description
0
GND
-
Ground Substrate. This is on the bottom of the package and must be grounded.
1
CPoutRF
O
RF PLL charge pump output.
2
GND
-
RF PLL analog ground.
3
VddRF1
-
RF PLL analog power supply.
4
FinRF
I
RF PLL high frequency input pin.
5
FinRF*
I
RF PLL complementary high frequency input pin. Shunt to ground with a 100 pF capacitor.
6
LE
I
MICROWIRE Load Enable. High impedance CMOS input. Data stored in the shift registers is loaded
into the internal latches when LE goes HIGH
7
DATA
I
MICROWIRE Data. High impedance binary serial data input.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: LMX2485 LMX2485E


Similar Part No. - LMX2485_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2485_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com