Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2470SLEX Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2470SLEX
Description  2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2470SLEX Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2470SLEX Datasheet HTML 7Page - Texas Instruments LMX2470SLEX Datasheet HTML 8Page - Texas Instruments LMX2470SLEX Datasheet HTML 9Page - Texas Instruments LMX2470SLEX Datasheet HTML 10Page - Texas Instruments LMX2470SLEX Datasheet HTML 11Page - Texas Instruments LMX2470SLEX Datasheet HTML 12Page - Texas Instruments LMX2470SLEX Datasheet HTML 13Page - Texas Instruments LMX2470SLEX Datasheet HTML 14Page - Texas Instruments LMX2470SLEX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LMX2470
www.ti.com
SNAS195A – MAY 2004 – REVISED MAY 2004
: OSCin Input Impedance
OSCin Input Impedance
Frequency (MHz)
Real (Ohms)
Imaginary (Ohms)
Magnitude (Ohms)
50
2200
-4700
5189
10
710
-2700
2792
20
229
-1500
1517
30
133
-988
997
40
93
-752
758
50
74
-606
611
60
62
-505
509
70
53
-435
438
80
49
-382
385
90
45
-341
344
100
42
-309
312
110
40
-282
285
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2470


Similar Part No. - LMX2470SLEX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2470SLEX NSC-LMX2470SLEX Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results

Similar Description - LMX2470SLEX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com