Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDC3220-A5 Datasheet(PDF) 4 Page - Kemet Corporation

Part # LDEDC3220-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDC3220-A5 Datasheet(HTML) 4 Page - Kemet Corporation

  LDEDC3220-A5 Datasheet HTML 1Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 2Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 3Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 4Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 5Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 6Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 7Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 8Page - Kemet Corporation LDEDC3220-A5 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SMD Film Capacitors
07/2008
PEN and PPS dielectrics typical temperature graphs
PEN
Capacitance vs. temperature
(f = 1 kHz)
PPS
Capacitance vs. temperature
(f = 1 kHz)
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-60 -40 -20
0
20
40
60
80 100 120 140
C/C [%]
T [°C]
Dissipation factor vs. temperature
(f = 1 kHz)
Dissipation factor vs. temperature
(f = 1 kHz)
Insulation resistance vs. temperature
Insulation resistance vs. temperature


Similar Part No. - LDEDC3220-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDC3220 ETC1-LDEDC3220 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEDC3220JA5N00 KEMET-LDEDC3220JA5N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.22 uF, 5%, 63 V, 40 V, 125C, 1812, 2.4mm
LDEDC3220KA5N00 KEMET-LDEDC3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
More results

Similar Description - LDEDC3220-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com