Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV112SD Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV112SD
Description  40 MHz Dual Clock Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV112SD Datasheet(HTML) 1 Page - Texas Instruments

  LMV112SD Datasheet HTML 1Page - Texas Instruments LMV112SD Datasheet HTML 2Page - Texas Instruments LMV112SD Datasheet HTML 3Page - Texas Instruments LMV112SD Datasheet HTML 4Page - Texas Instruments LMV112SD Datasheet HTML 5Page - Texas Instruments LMV112SD Datasheet HTML 6Page - Texas Instruments LMV112SD Datasheet HTML 7Page - Texas Instruments LMV112SD Datasheet HTML 8Page - Texas Instruments LMV112SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LMV112
www.ti.com
SNAS297A – JUNE 2005 – REVISED JULY 2005
LMV112 40 MHz Dual Clock Buffer
Check for Samples: LMV112
1
FEATURES
Crosstalk rejection circuitry
8-pin LLP, pin access packaging
2
(Typical values are: VSUPPLY = 2.7V and CL = 20
pF, unless otherwise specified)
Temperature range
−40°C to 85°C
Small signal bandwidth 40 MHz
APPLICATIONS
Supply voltage range 2.4V to 5V
3G mobile applications
Slew rate 110 V/
μs
WLAN–WiMAX modules
Total supply current 1.6 mA
TD_SCDMA multi-mode MP3 and camera
Shutdown current 59 µA
GSM modules
Rail-to-rail input and output
Oscillator modules
Individual buffer enable pins
Rapid Ton technology
DESCRIPTION
The LMV112 is a high speed dual clock buffer designed for portable communications and accurate multi-clock
systems. The LMV112 integrates two 40 MHz low noise buffers which optimizes application and out performs
large discrete solutions. This device enables superb system operation between the base band and the oscillator
signal path while eliminating crosstalk.
National Semiconductor’s unique technology and design deliver accuracy, capacitance and load resistance while
increasing the drive capability of the device. The low power consumption makes the LMV112 perfect for battery
applications.
The robust, independent, and flexible buffers are designed to provide the customer with the ability to manage
complex clock signals in the latest wireless applications. The buffers deliver 110 V/
μs internal slew rate with
independent shutdown and duty cycle precision. The patented analog circuit drives capacitive loads beyond 20
pF. National’s proven biasing technique has 1V centering, rail-to-rail input/output unity gain, and AC coupled
convenient inputs. These integrated cells save space and require no external bias resistors. National’s rapid
recovery after disable optimizes performance and current consumption. The LMV112 offers individual enable pin
controls and since there is no internal ground reference either single or split supply configurations offer additional
system flexibility and power choices.
The LMV112 is a proven replacement for any discrete circuitry and simplifies board layout while minimizing
related parasitic components.
The LMV112 is produced in the small LLP package which offers high quality while minimizing its use of PCB
space. National’s advanced packaging offers direct PCB-IC evaluation via pin access.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV112SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV112SD NSC-LMV112SD Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
LMV112SDX NSC-LMV112SDX Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
More results

Similar Description - LMV112SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV112 NSC-LMV112 Datasheet
975Kb / 14P
   40 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
[Old version datasheet]   75 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
[Old version datasheet]   75 MHz Dual Clock Buffer
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
   75 MHz Dual Clock Buffer
logo
Texas Instruments
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
[Old version datasheet]   LMH2180 75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
   533 MHz PCI-X clock buffer
2002 Oct 10
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
[Old version datasheet]   140-MHz PCI-X CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com