Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04800 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMK04800
Description  Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMK04800 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMK04800_14 Datasheet HTML 2Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 3Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 4Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 5Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 6Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 7Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 8Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 9Page - National Semiconductor (TI) LMK04800_14 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
L M K 0 4 8 X X
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
6
Default CodeLoader Modes for Evaluation Boards
CodeLoader saves the state of the selected LMK048xxB device when exiting the software. To
ensure a common starting point, the following modes listed in Table 3 may be restored by
clicking “Mode” and selecting the appropriate device configuration, as shown in Figure 2 in the
case of the LMK04808B device. Similar default modes are available for each LMK048xxB
device in CodeLoader. Choose a mode with CLKin0 for differential clock signal or CLKin1 for a
single ended signal.
Figure 2: Selecting a Default Mode for the LMK04808 Device
After restoring a default mode, press Ctrl+L to program the device. The default modes also
disable certain outputs, so make sure to enable the output under test to make measurements.
Table 3: Default CodeLoader Modes for LMK04808
Default CodeLoader Mode
Device Mode
CLKin
Frequency
OSCin
Frequency
122.88 MHz CLKin1, 122.88 MHz
VCXO
Dual PLL, Internal VCO
122.88 MHz
122.88 MHz
122.88 MHz CLKin1, Dual Loop 0-
delay, 122.88 MHz VCXO
Dual PLL, Internal VCO,
0-Delay with Internal
Feedback
122.88 MHz
122.88 MHz
122.88 MHz CLKin1, 122.88 MHz
VCXO
Dual PLL, Internal VCO,
PLL2 Crystal Oscillator
Enabled
122.88 MHz
20.48 MHz
122.88 MHz CLKin1, 122.88 MHz
VCXO
Dual PLL, Internal VCO
122.88 MHz
122.88 MHz
122.88 MHz CLKin1, Dual Loop 0-
delay, 122.88 MHz VCXO
Dual PLL, Internal VCO,
0-Delay with Internal
Feedback
122.88 MHz
122.88 MHz
122.88 MHz CLKin1, 122.88 MHz
VCXO
Dual PLL, Internal VCO,
PLL2 Crystal Oscillator
Enabled
122.88 MHz
20.48 MHz
The next section outlines step-by-step procedures for using the evaluation board with the
LMK04808B. For boards with another part number, make sure to select the corresponding part
number under the “Device” menu.


Similar Part No. - LMK04800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK04800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04800 TI1-LMK04800 Datasheet
985Kb / 91P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_14 Datasheet
1Mb / 71P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com