Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C101J5GAC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C0603C101J5GAC
Description  Precision Clock Conditioner with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C0603C101J5GAC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button C0603C101J5GAC Datasheet HTML 6Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 7Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 8Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 9Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 10Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 11Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 12Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 13Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
L M K 0 3 0 0 2 C
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
10
Recommended Equipment
Power Supply
The Power Supply should be a low noise power supply. An Agilent 6623A Triple power supply with LC
filters on the output to reduce noise was used in creating these evaluation board instructions.
Phase Noise / Spectrum Analyzer
For measuring phase noise an Agilent E5052A is recommended. An Agilent E4445A PSA Spectrum
Analyzer with the Phase Noise option is also usable although the architecture of the E5052A is superior
for phase noise measurements. At frequencies less than 100 MHz the local oscillator noise of the PSA
is too high and measurements will be of the local oscillator, not the device under test.
Oscilloscope
For measuring delay an Agilent Infiniium DSO81204A was used.
Reference Oscillator
The on board crystal oscillator will provide a low noise reference signal to the device at offsets greater
than 1 kHz.
Note: The default loop filter has a loop bandwidth of ~105 kHz. Inside the loop bandwidth of a PLL the
noise is greatly affected by any noise on the reference oscillator (OSCin). Therefore any noise on the
oscillator less than ~105 kHz will be passed through and seen on the outputs. For this reason the main
output of a Signal Generator is not recommended for driving OSCin in this setup.


Similar Part No. - C0603C101J5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C101J5GAC KEMET-C0603C101J5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0603C101J5GAC7411 KEMET-C0603C101J5GAC7411 Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 100 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C101J5GACAUTO KEMET-C0603C101J5GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 100 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C101J5GACTU KEMET-C0603C101J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C101J5GAC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner with Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com