Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0030 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0030 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0030_14 Datasheet HTML 2Page - Texas Instruments LMH0030_14 Datasheet HTML 3Page - Texas Instruments LMH0030_14 Datasheet HTML 4Page - Texas Instruments LMH0030_14 Datasheet HTML 5Page - Texas Instruments LMH0030_14 Datasheet HTML 6Page - Texas Instruments LMH0030_14 Datasheet HTML 7Page - Texas Instruments LMH0030_14 Datasheet HTML 8Page - Texas Instruments LMH0030_14 Datasheet HTML 9Page - Texas Instruments LMH0030_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LMH0030
SNLS219G – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VIH
Input Voltage High Level
All LVCMOS
2.0
VDDIO
V
Inputs
VIL
Input Voltage Low Level
VSSIO
0.8
V
IIH
Input Current High Level
VIH = VDDIO
+90
+150
µA
IIL
Input Current Low Level
VIL = VSSIO
−1
−20
µA
VOH
CMOS Output Voltage High
IOH = −6.6 mA
All LVCMOS
2.4
2.7
VDDIO
V
Level
Outputs
VOL
CMOS Output Voltage Low
IOL = +6.6 mA
VSSIO
VSSIO
VSSIO
V
Level
+0.3
+0.5V
VSDO
Serial Driver Output Voltage
Test Circuit, Test Loads
SDO, SDO
720
800
880
mVP-P
Shall Apply
IDD (3.3V)
Power Supply Current, 3.3V
VCLK = 27 MHz, NTSC color
VDDIO, VDDSD
Supply, Total
Bar Pattern, Test Circuit,
48
65
mA
Test Loads Shall Apply
IDD (3.3V)
Power Supply Current, 3.3V
VCLK = 74.25 MHz, NTSC
VDDIO, VDDSD
Supply, Total
color Bar Pattern, Test
66
90
mA
Circuit, Test Loads Shall
Apply
IDD (2.5V)
Power Supply Current, 2.5V
VCLK = 27 MHz, NTSC color
VDDD, VDDZ,
Supply, Total
Bar Pattern, Test Circuit,
VDDPLL
66
85
mA
Test Loads Shall Apply
IDD (2.5V)
Power Supply Current, 2.5V
VCLK = 74.25 MHz, NTSC
VDDD, VDDZ,
Supply, Total
color Bar Pattern, Test
VDDPLL
85
110
mA
Circuit, Test Loads Shall
Apply
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to
VSS = 0V.
(2)
Typical values are stated for VDDIO = VDDSD = +3.3V, VDDD = VDDPLL = +2.5V and TA = +25°C.
AC ELECTRICAL CHARACTERISTICS
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
fVCLK
Parallel Video Clock
VCLK
27
74.25
MHz
Frequency
DCV
Video Clock Duty Cycle
VCLK
45
50
55
%
fACLK
Ancillary Clock Frequency
ACLK
VCLK
MHz
DCA
Ancillary Clock Duty
ACLK
45
50
55
%
Cycle
tr, tf
Input Clock and Data Rise 10%–90%
VCLK, ACLK, DVN,
1.0
1.5
3.0
ns
Time, Fall Time
ADN
BRSDO
Serial Data Rate
(2) (3)SDO, SDO
270
1,485
Mbps
tr, tf
Rise Time, Fall Time
20%–80%,(3)
SDO, SDO
270
ps
tr, tf
Rise Time, Fall Time
20%–80%,(2)
SDO, SDO
500
ps
Output Overshoot
(4)
SDO, SDO
5
%
(1)
Typical values are stated for VDDIO = VDDSD = +3.3V, VDDD = VDDPLL = +2.5V and TA = +25°C.
(2)
RL = 75Ω, AC-coupled @ 270 Mbps, RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
(3)
RL = 75Ω, AC-coupled @ 1,485 Mbps, RREFLVL = RREFPRE = 4.75 kΩ 1%, See Test Loads and Test Circuit.
(4)
Specification is ensured by design.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0030


Similar Part No. - LMH0030_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0030VS NSC-LMH0030VS Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030VS NSC-LMH0030VS Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
More results

Similar Description - LMH0030_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com