Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM96530 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM96530
Description  Ultrasound Transmit/Receive Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM96530 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM96530_14 Datasheet HTML 3Page - Texas Instruments LM96530_14 Datasheet HTML 4Page - Texas Instruments LM96530_14 Datasheet HTML 5Page - Texas Instruments LM96530_14 Datasheet HTML 6Page - Texas Instruments LM96530_14 Datasheet HTML 7Page - Texas Instruments LM96530_14 Datasheet HTML 8Page - Texas Instruments LM96530_14 Datasheet HTML 9Page - Texas Instruments LM96530_14 Datasheet HTML 10Page - Texas Instruments LM96530_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM96530
www.ti.com
SNAS499F – AUGUST 2010 – REVISED MAY 2013
Digital Characteristics
Unless otherwise stated, the following conditions apply.
VLL = +2.5V, VDD =
−VSS = 5V, VSUB = −60V, RREF = 50 kΩ, RT = 50Ω, SW_OFF = 0V, SPI_EN = 2.5V, TA = 25°C.
(1)
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Logical Input “HI” Voltage
2
V
VIL
Logical Input “LO” Voltage
0.5
V
IIN-H/L
Logic Input Current
-1
0.2
+1
µA
VOH
Logical Output “HI” Voltage
2.2
V
VOL
Logical Output “LO” Voltage
0.3
V
tSSELS
SPI™ SCSI Setup Time
11
ns
tSSELH
SPI™ SCSI Hold Time
11
ns
tSSELHI
SPI™ SCSI HI Time
250
ns
tWS
SPI™ SDI Setup Time
11
ns
tWH
SPI™ SDI Hold Time
11
ns
tOD
SPI™ SCLKI to SDO
CL = 5 pF
25
ns
Propagation Delay
tVALID
SPI™ SCSI to T/R Switch
30
ns
State Change Delay
tSCLK
SPI™ SCLKI Period
100
ns
% of CLK
SPI™ SCLKI Duty Cycle
See (2)
45
55
Period
SPI™ SCLKI-HI to SCLKO-
ns
tSCLKOD-H
12
HI Propagation Delay
SPI™ SCLKI-LO to SCLKO-
ns
tSCLKOD-L
12
LO Propagation Delay
SPI™ SCSI-HI to SCSO-HI
ns
tSCSOD-H
12
Propagation Delay
SPI™ SCLSI-LO to SCLSO-
ns
tSCSOD-L
12
LO Propagation Delay
Maximum Number of Daisy-
SCLKI Freq. = 10MHz
16
Chained devices
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Specified by design.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM96530


Similar Part No. - LM96530_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
More results

Similar Description - LM96530_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com