Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB2016T330M Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB2016T330M
Description  Please read this notice before using the TAIYO YUDEN products.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2016T330M Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2016T330M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2016T330M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
WIRE-WOUND CHIP INDUCTORS (LB SERIES),
WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES),
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
RELIABILITY DATA
1.Operating temperature Range
Specified Value
LB, LBC, LBR, LBMF Series
-40~+105℃(Including self-generated heat)
CB, CBC, CBL, CBMF Series
LBM Series
2. Storage Temperature Range(after soldering)
Specified Value
LB, LBC, LBR, LBMF Series
-40~+85℃
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB, CB Series:
Please refer the term of "7. storage conditions" in precautions.
3.Rated Current
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
4.Inductance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBMF・CBMF・LBM Series
Measuring equipment
:LCR Mater(HP4285A or its equivalent)
5.Q
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Within the specified tolerance
Test Methods and
Remarks
LBM Series
Measuring equipment
: LCR Mater(HP4285A or its equivalent)
6.DC Resisitance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : DC Ohmmeter (HIOKI 3227 or its equivalent)
7.Self-Resonant Frequency
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : Impedance analyzer (HP4291A or its equivalent)


Similar Part No. - LB2016T330M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
360Kb / 3P
   Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LB2016T330M8 TAIYO-YUDEN-LB2016T330M8 Datasheet
294Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LB]
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LB]
More results

Similar Description - LB2016T330M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com